Electronic Components Datasheet Search
  English  ▼

X  

BC546B Datasheet (PDF) - NXP Semiconductors

BC546B Datasheet PDF - NXP Semiconductors
Part # BC546B
Download  BC546B Download
File Size   404.87 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 65 V, 100 mA NPN general-purpose transistors

BC546B Datasheet (PDF)

Go To PDF Page Download Datasheet
BC546B Datasheet PDF - NXP Semiconductors

Part # BC546B
Download  BC546B Click to download

File Size   404.87 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 65 V, 100 mA NPN general-purpose transistors

BC546B Datasheet (HTML) - NXP Semiconductors


BC546B Product details

General description
NPN general-purpose transistors in Surface-Mounted Device (SMD) plastic packages.

Features and benefits
■ General-purpose transistors
■ SMD plastic packages
■ Two different gain selections

Applications
■ General-purpose switching and amplification




Similar Part No. - BC546B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC546B MOTOROLA-BC546B Datasheet
193Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC546B ONSEMI-BC546B Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
NXP Semiconductors
BC546B PHILIPS-BC546B Datasheet
47Kb / 8P
NPN general purpose transistors
2004 Nov 25
logo
Siemens Semiconductor G...
BC546B SIEMENS-BC546B Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Micro Commercial Compon...
BC546B MCC-BC546B Datasheet
1Mb / 4P
NPN Silicon Amplifier Transistor 625mW
More results


Similar Description - BC546B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846.215 NXP-BC846.215 Datasheet
404Kb / 14P
65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
BC846B.215 NXP-BC846B.215 Datasheet
404Kb / 14P
65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
BC846B235 NXP-BC846B235 Datasheet
404Kb / 14P
65 V, 100 mA NPN general-purpose transistors
Rev. 07-17 November 2009
logo
ON Semiconductor
NST846MTWFT ONSEMI-NST846MTWFT Datasheet
261Kb / 7P
General Purpose Transistors NPN, 65 V, 100 mA
February, 2023 - Rev. 1
NST856MTWFT ONSEMI-NST856MTWFT Datasheet
262Kb / 7P
General Purpose Transistors PNP, 65 V, 100 mA
February, 2023 - Rev. 1
logo
Nexperia B.V. All right...
BC846XW-Q_SER NEXPERIA-BC846XW-Q_SER Datasheet
220Kb / 11P
65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 29 March 2023
BC846X-Q_SER NEXPERIA-BC846X-Q_SER Datasheet
222Kb / 11P
65 V, 100 mA NPN general-purpose transistors
Rev. 2 - 20 May 2022
BC846X_SER NEXPERIA-BC846X_SER Datasheet
221Kb / 11P
65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
BC846XW_SER NEXPERIA-BC846XW_SER Datasheet
219Kb / 11P
65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 29 March 2023
BC856W-Q NEXPERIA-BC856W-Q Datasheet
229Kb / 13P
65 V, 100 mA PNP general-purpose transistors
Rev. 1 - 24 June 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com