Electronic Components Datasheet Search
  English  ▼

X  

TX29/19/7.5 Datasheet (PDF) - Ferroxcube International Holding B.V.

TX29/19/7.5 Datasheet PDF - Ferroxcube International Holding B.V.
Part # TX29/19/7.5
Download  TX29/19/7.5 Download
File Size   43.16 Kbytes
Page   3 Pages
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.
Description Ferrite toroids

TX29/19/7.5 Datasheet (PDF)

Go To PDF Page Download Datasheet
TX29/19/7.5 Datasheet PDF - Ferroxcube International Holding B.V.

Part # TX29/19/7.5
Download  TX29/19/7.5 Click to download

File Size   43.16 Kbytes
Page   3 Pages
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.
Description Ferrite toroids

TX29/19/7.5 Datasheet (HTML) - Ferroxcube International Holding B.V.


TX29/19/7.5 Product details

Coating
    The cores are coated with epoxy, flame retardant in
    accordance with “UL 94V-0”; UL file number E 228348.
    The colour is white.
    Maximum operating temperature is 200 °C.

Isolation voltage
    DC isolation voltage: 2000 V.
    Contacts are applied on the edge of the ring core, which is
    also the critical point for the winding operation.




Similar Part No. - TX29/19/7.5

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
TX29/19/7.6 FERROXCUBE-TX29/19/7.6 Datasheet
43Kb / 3P
Ferrite toroids
TX29/19/7.6-3C81 FERROXCUBE-TX29/19/7.6-3C81 Datasheet
43Kb / 3P
Ferrite toroids
TX29/19/7.6-3E27 FERROXCUBE-TX29/19/7.6-3E27 Datasheet
43Kb / 3P
Ferrite toroids
More results


Similar Description - TX29/19/7.5

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
T107 FERROXCUBE-T107 Datasheet
39Kb / 3P
Ferrite toroids
TC3.5-3E28 FERROXCUBE-TC3.5-3E28 Datasheet
43Kb / 3P
Ferrite toroids
TC4-4A11 FERROXCUBE-TC4-4A11 Datasheet
43Kb / 3P
Ferrite toroids
TC2.5-4A11 FERROXCUBE-TC2.5-4A11 Datasheet
43Kb / 3P
Ferrite toroids
TC3.1-4A11 FERROXCUBE-TC3.1-4A11 Datasheet
44Kb / 3P
Ferrite toroids
TC3.5-3E27 FERROXCUBE-TC3.5-3E27 Datasheet
43Kb / 3P
Ferrite toroids
TC3.9-3E28 FERROXCUBE-TC3.9-3E28 Datasheet
43Kb / 3P
Ferrite toroids
TC7.6-3C90 FERROXCUBE-TC7.6-3C90 Datasheet
45Kb / 3P
Ferrite toroids
TN13-4C65 FERROXCUBE-TN13-4C65 Datasheet
47Kb / 4P
Ferrite toroids
TN16-4A11 FERROXCUBE-TN16-4A11 Datasheet
45Kb / 3P
Ferrite toroids
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com