Electronic Components Datasheet Search
  English  ▼

X  

TC0418A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0418A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0418A
Download  TC0418A Download
File Size   181.93 Kbytes
Page   3 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 316 MHz TO-39

TC0418A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0418A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0418A
Download  TC0418A Click to download

File Size   181.93 Kbytes
Page   3 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 316 MHz TO-39

TC0418A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TC0418A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0412A TAI-SAW-TC0412A Datasheet
403Kb / 6P
SAW Resonator 672.531 MHz SMD 3.0X3.0 mm
TC0413A TAI-SAW-TC0413A Datasheet
268Kb / 6P
SAW Resonator 669.694 MHz SMD 3X3 mm
TC0416A TAI-SAW-TC0416A Datasheet
269Kb / 6P
SAW Resonator 480.225 MHz SMD 3X3 mm
More results


Similar Description - TC0418A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0231A TAI-SAW-TC0231A Datasheet
225Kb / 3P
SAW Resonator 315.15 MHz TO-39
TD0102A TAI-SAW-TD0102A Datasheet
234Kb / 3P
SAW Resonator 433.92 MHz TO-39
TC0408A TAI-SAW-TC0408A Datasheet
184Kb / 4P
SAW Resonator 315 MHz TO-39
TC0409A TAI-SAW-TC0409A Datasheet
184Kb / 4P
SAW Resonator 433.92 MHz TO-39
TC433E2-A TAI-SAW-TC433E2-A Datasheet
230Kb / 3P
SAW Resonator 433.920 MHz TO-39
TC433E2B TAI-SAW-TC433E2B Datasheet
228Kb / 3P
SAW Resonator 433.920 MHz TO-39
TB433E2 TAI-SAW-TB433E2 Datasheet
184Kb / 4P
SAW Filter 433.92 MHz TO-39
logo
Murata Manufacturing Co...
RO2044 MURATA-RO2044 Datasheet
145Kb / 2P
318.00 MHz SAW Resonator
RO2100 MURATA-RO2100 Datasheet
161Kb / 2P
295.05 MHz SAW Resonator
RO3073A MURATA-RO3073A Datasheet
392Kb / 2P
315.0 MHz SAW Resonator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com