Electronic Components Datasheet Search
  English  ▼

X  

TC0280A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TC0280A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TC0280A
Download  TC0280A Download
File Size   332.05 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 455 MHz SMD3.8X3.8 mm

TC0280A Datasheet (PDF)

Go To PDF Page Download Datasheet
TC0280A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TC0280A
Download  TC0280A Click to download

File Size   332.05 Kbytes
Page   5 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description SAW Resonator 455 MHz SMD3.8X3.8 mm

TC0280A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TC0280A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TC0281A TAI-SAW-TC0281A Datasheet
237Kb / 5P
SAW Resonator 456 MHz SMD3.8X3.8 mm
logo
Golledge Electronics Lt...
TC0281A GOLLEDGE-TC0281A Datasheet
68Kb / 4P
SAW Resonator 456MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0282A TAI-SAW-TC0282A Datasheet
330Kb / 5P
SAW Resonator 460 MHz SMD3.8X3.8 mm
TC0283A TAI-SAW-TC0283A Datasheet
237Kb / 5P
SAW Resonator 462.5375 MHz SMD3.8X3.8 mm
logo
Golledge Electronics Lt...
TC0283A GOLLEDGE-TC0283A Datasheet
162Kb / 4P
SAW Resonator 462.5375MHz
More results


Similar Description - TC0280A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1087A TAI-SAW-TA1087A Datasheet
408Kb / 6P
SAW Filter 455 MHz
TC0260A TAI-SAW-TC0260A Datasheet
345Kb / 5P
SAW Resonator 314.525 MHz SMD5.0X5.0 mm
TC0279A TAI-SAW-TC0279A Datasheet
245Kb / 5P
SAW Resonator 433.9 MHz SMD5.0X5.0 mm
TC0281A TAI-SAW-TC0281A Datasheet
237Kb / 5P
SAW Resonator 456 MHz SMD3.8X3.8 mm
TC0282A TAI-SAW-TC0282A Datasheet
330Kb / 5P
SAW Resonator 460 MHz SMD3.8X3.8 mm
TC0283A TAI-SAW-TC0283A Datasheet
237Kb / 5P
SAW Resonator 462.5375 MHz SMD3.8X3.8 mm
TC0287A TAI-SAW-TC0287A Datasheet
311Kb / 5P
SAW Resonator 302 MHz SMD3.8X3.8 mm
TB0267A TAI-SAW-TB0267A Datasheet
372Kb / 6P
SAW Filter 455 MHz
TB360EC TAI-SAW-TB360EC Datasheet
415Kb / 8P
SAW Filter 360 MHz SMD3.8x3.8 mm
TA1258A TAI-SAW-TA1258A Datasheet
453Kb / 8P
SAW Filter 455 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com