Electronic Components Datasheet Search
  English  ▼

X  

DTA115EEB Datasheet (PDF) - Rohm

DTA115EEB Datasheet PDF - Rohm
Part # DTA115EEB
Download  DTA115EEB Download
File Size   162.91 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 100mA / 50V Digital transistors

DTA115EEB Datasheet (PDF)

Go To PDF Page Download Datasheet
DTA115EEB Datasheet PDF - Rohm

Part # DTA115EEB
Download  DTA115EEB Click to download

File Size   162.91 Kbytes
Page   3 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 100mA / 50V Digital transistors

DTA115EEB Datasheet (HTML) - Rohm




Similar Part No. - DTA115EEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA115EEB ROHM-DTA115EEB Datasheet
1Mb / 13P
PNP -100mA -50V Digital Transistor
More results


Similar Description - DTA115EEB

ManufacturerPart #DatasheetDescription
logo
Rohm
DTA114EUB ROHM-DTA114EUB Datasheet
158Kb / 3P
-100mA / -50V Digital transistors
DTA114TUB ROHM-DTA114TUB Datasheet
63Kb / 3P
-100mA / -50V Digital transistors
DTA114YEB ROHM-DTA114YEB Datasheet
65Kb / 3P
-100mA / -50V Digital transistors
DTA114YUB ROHM-DTA114YUB Datasheet
101Kb / 3P
-100mA / -50V Digital transistors
DTA124EEB ROHM-DTA124EEB Datasheet
80Kb / 3P
-100mA / -50V Digital transistors
DTA143EUB ROHM-DTA143EUB Datasheet
108Kb / 3P
-100mA / -50V Digital transistors
DTA143XEB ROHM-DTA143XEB Datasheet
158Kb / 3P
-100mA / -50V Digital transistors
DTA143ZEB ROHM-DTA143ZEB Datasheet
80Kb / 3P
-100mA / -50V Digital transistors
DTA143ZUB ROHM-DTA143ZUB Datasheet
101Kb / 3P
-100mA / -50V Digital transistors
DTC144EUB ROHM-DTC144EUB Datasheet
84Kb / 3P
100mA / 50V Digital transistors
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com