Electronic Components Datasheet Search
  English  ▼

X  

LX13097CSE Datasheet (PDF) - Microsemi Corporation

LX13097CSE Datasheet PDF - Microsemi Corporation
Part # LX13097CSE
Download  LX13097CSE Download
File Size   816.8 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1A SYNCHRONOUS BUCK SWITCHER WITH FET ON BOARD

LX13097CSE Datasheet (PDF)

Go To PDF Page Download Datasheet
LX13097CSE Datasheet PDF - Microsemi Corporation

Part # LX13097CSE
Download  LX13097CSE Click to download

File Size   816.8 Kbytes
Page   12 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 1A SYNCHRONOUS BUCK SWITCHER WITH FET ON BOARD

LX13097CSE Datasheet (HTML) - Microsemi Corporation




Similar Part No. - LX13097CSE

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
LX130 LUMINIS-LX130 Datasheet
90Kb / 2P
Wall mount
logo
Microsemi Corporation
LX13049 MICROSEMI-LX13049 Datasheet
204Kb / 7P
VREF @ 800mV, 1.25A, 1.0MHZ PWM
Rev. 1.1, 5/2/2007
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
Dual 1A Step-Down Converters
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
Dual 1A Step-Down Converters
LX13088ACLD MICROSEMI-LX13088ACLD Datasheet
412Kb / 12P
Dual 1A Step-Down Converters
More results


Similar Description - LX13097CSE

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5311QI ENPIRION-EN5311QI Datasheet
296Kb / 16P
1A Synchronous Buck Regulator With Integrated Inductor
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
1A Synchronous Buck Regulator With Integrated Inductor
logo
Microsemi Corporation
NX4108 MICROSEMI-NX4108 Datasheet
818Kb / 12P
1A SYNCHRONOUS BUCK SWITCHER WITH FET ON BOARD
NX4110 MICROSEMI-NX4110 Datasheet
825Kb / 14P
1A SYNCHRONOUS BUCK SWITCHER WITH FET ON BOARD
logo
Texas Instruments
LM2852 TI1-LM2852_16 Datasheet
1Mb / 27P
Synchronous Simple Switcher Buck Regulator
LM2854 TI1-LM2854_16 Datasheet
1Mb / 33P
Synchronous SIMPLE SWITCHER Buck Regulator
logo
Rohm
BD8963EFJ ROHM-BD8963EFJ_14 Datasheet
1Mb / 28P
Synchronous Buck Converter with Integrated FET
BD8966FVM ROHM-BD8966FVM_15 Datasheet
736Kb / 25P
Synchronous Buck Converter with Integrated FET
BD9130NV ROHM-BD9130NV_14 Datasheet
1Mb / 25P
Synchronous Buck Converter with Integrated FET
BD9132MUV ROHM-BD9132MUV_14 Datasheet
1Mb / 26P
Synchronous Buck Converter with Integrated FET
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com