Electronic Components Datasheet Search
  English  ▼

X  

MAX8934E Datasheet (PDF) - Maxim Integrated Products

MAX8934E Datasheet PDF - Maxim Integrated Products
Part # MAX8934E
Download  MAX8934E Download
File Size   3141.49 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring

MAX8934E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8934E Datasheet PDF - Maxim Integrated Products

Part # MAX8934E
Download  MAX8934E Click to download

File Size   3141.49 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual-Input Linear Chargers, Smart Power Selector with Advanced Battery Temperature Monitoring

MAX8934E Datasheet (HTML) - Maxim Integrated Products


MAX8934E Product details

General Description

The MAX8934_ dual-input Li+/Li-Poly linear battery chargers with Smart Power SelectorK safely charge a single Li+/Li-Poly cell in accordance with JEITA recommendations. The MAX8934_monitors the battery temperature (TBATT) while charging, and automatically adjusts the

fast-charge current and charge termination voltage as the battery temperature varies. The MAX8934_ also monitors the battery temperature while the battery is discharging, and provides a warning flag (OT) to the system in the event that the battery is over temperature. Two safety profiles are supported (see Figure 6 for details). An ultra-low IQ, always-on LDO provides an additional 3.3V supply for system power.



Features

Li+ Charger with Smart Power Selector, No External MOSFETs Needed

Monitors Battery Temperature and Adjusts Charge Current and Termination Voltage Automatically per JEITA Recommendations

OT Flags System of a Hot Battery During Discharge

Ultra-Low IQ, Always-On 3.3V LDO

Common or Separate USB and Adapter Inputs

Automatic Adapter/USB/Battery Switchover

Load Peaks in Excess of Adapter Rating are Supported by Battery

Input OVP to 16V (DC) and 9V (USB)

40mI SYS-to-BATT Switch

Thermal Regulation Prevents Overheating

4.35V or 5.3V SYS Regulation Voltage

1.5A (max) USB Input Current Limit (MAX8934D)



Applications

PDAs, Palmtop, and Wireless Handhelds

Portable Media, MP3 Players, and PNDs

Digital Still Cameras and Digital Video Cameras

Handheld Game Systems



 




Similar Part No. - MAX8934E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8934E MAXIM-MAX8934E Datasheet
499Kb / 15P
Fully Assembled and Tested
Rev 1; 1/14
MAX8934E MAXIM-MAX8934E Datasheet
1Mb / 32P
Dual-Input Linear Chargers, Smart Power Selector
2014
More results


Similar Description - MAX8934E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1645 MAXIM-MAX1645 Datasheet
330Kb / 32P
Advanced Chemistry-Independent, Level 2 Battery Chargers with Input Current Limiting
19-1566; Rev 2; 1/01
MAX8844Z MAXIM-MAX8844Z Datasheet
234Kb / 17P
28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
Rev 0; 3/09
MAX8900A MAXIM-MAX8900A Datasheet
4Mb / 35P
1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
19-5063; Rev 1; 3/10
MAX8934G MAXIM-MAX8934G Datasheet
2Mb / 29P
Dual-Input Linear Charger, Smart Power Selector with Advanced Battery Temperature Monitoring
Rev 0; 6/10
MAX8900A MAXIM-MAX8900A_11 Datasheet
4Mb / 35P
1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
Rev 3; 1/11
MAX14746 MAXIM-MAX14746_V01 Datasheet
1Mb / 41P
USB Detection with Smart Power Selector Li Chargers
2017
MAX8844Y MAXIM-MAX8844Y Datasheet
1Mb / 17P
28V Dual Input Linear Li Battery Chargers with Battery Detection and Overvoltage-Protected Output
2009
MAX8900A MAXIM-MAX8900A_V01 Datasheet
3Mb / 35P
1.2A Switch-Mode Li Chargers with 짹22V Input Rating and JEITA Battery Temperature Monitoring
2014
MAX8934A MAXIM-MAX8934A_V01 Datasheet
1Mb / 32P
Dual-Input Linear Chargers, Smart Power Selector
2014
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
Multichemistry Battery Chargers with Automatic System Power Selector
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com