| Manufacturer | Part # | Datasheet | Description |
 Rohm |
QS6U22
|
60Kb / 4P |
Small switching (−20V, −1.5A)
|
|
US6J2
|
64Kb / 5P |
Small switching (−20V, −1A)
|
|
2SB1424
|
91Kb / 4P |
Low VCE(sat) Transistor (−20V, −3A)
|
|
2SB1427
|
69Kb / 3P |
Power transistor (−20V, −2A)
|
|
2SB1386
|
139Kb / 5P |
Low frequency transistor (−20V, −5A)
|
|
2SA1952
|
77Kb / 3P |
High-speed Switching Transistor (−60V, −5A)
|
 Guangdong Kexin Industr... |
2SD2150
|
35Kb / 1P |
Low Frequency Transistor
|
 WILLAS ELECTRONIC CORP |
2SB1197KXLT1
|
316Kb / 3P |
Low Frequency Transistor
|
 Galaxy Semi-Conductor H... |
2SA2018
|
155Kb / 4P |
LOW FREQUENCY TRANSISTOR
|
 DONGGUAN YOU FENG WEI E... |
2SB1197
|
325Kb / 2P |
Low Frequency Transistor
|