Electronic Components Datasheet Search
  English  ▼

X  

MAX14841E Datasheet (PDF) - Maxim Integrated Products

MAX14841E Datasheet PDF - Maxim Integrated Products
Part # MAX14841E
Download  MAX14841E Download
File Size   1715.78 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 40Mbps, 3.3V, RS-485 Half-Duplex Transceivers

MAX14841E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX14841E Datasheet PDF - Maxim Integrated Products

Part # MAX14841E
Download  MAX14841E Click to download

File Size   1715.78 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 40Mbps, 3.3V, RS-485 Half-Duplex Transceivers

MAX14841E Datasheet (HTML) - Maxim Integrated Products


MAX14841E Product details

General Description

The MAX14840E/MAX14841E are +3.3V ESD-protected transceivers intended for half-duplex RS-485 communication up to 40Mbps. These transceivers are optimized for high speeds over extended cable runs while minimizing tolerance to noise.



Features

Half-Duplex RS-485 Transceivers

+3.3V Supply Voltage

40Mbps Maximum Data Rate

Large (170mV) Receiver Hysteresis on MAX14840E

Symmetrical Fail-Safe Receiver Input on MAX14840E

Fail-Safe Receiver Input (MAX14841E)

Hot-Swap Capability

Short-Circuit Protected Outputs

Thermal Self-Protection

Low 10µA (max) Shutdown Current




Similar Part No. - MAX14841E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1484 MAXIM-MAX1484 Datasheet
393Kb / 10P
Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
MAX14840PMB1 MAXIM-MAX14840PMB1 Datasheet
1Mb / 7P
MAX14840PMB1 Peripheral Module
Rev 0; 5/12
MAX14842 MAXIM-MAX14842 Datasheet
1Mb / 13P
6-Channel, Digital Ground-Level Translator
Rev 1; 3/11
MAX14842ATE+ MAXIM-MAX14842ATE+ Datasheet
1Mb / 13P
6-Channel, Digital Ground-Level Translator
Rev 1; 3/11
More results


Similar Description - MAX14841E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
Low Power Half-Duplex RS-485 Transceivers
logo
Analog Devices
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
Half-Duplex, RS-485/RS-422 Transceivers
REV. B
logo
Maxim Integrated Produc...
MAX14840E MAXIM-MAX14840E_15 Datasheet
997Kb / 16P
40Mbps, 3.3V, RS-485 Half-Duplex Transceivers
Rev 2; 7/15
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
Low Power Half-Duplex RS-485 Transceivers
logo
Renesas Technology Corp
ISL32743E RENESAS-ISL32743E Datasheet
818Kb / 19P
Isolated 3.3V Half-Duplex 40Mbps RS-485 Transceiver
Jul 9, 2018
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com