Electronic Components Datasheet Search
  English  ▼

X  

355015 Datasheet (PDF) - Lumberg

355015 Datasheet PDF - Lumberg
Part # 355015
Download  355015 Download
File Size   90.85 Kbytes
Page   2 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm

355015 Datasheet (PDF)

Go To PDF Page Download Datasheet
355015 Datasheet PDF - Lumberg

Part # 355015
Download  355015 Click to download

File Size   90.85 Kbytes
Page   2 Pages
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg
Description RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm

355015 Datasheet (HTML) - Lumberg


355015 Product details

RAST 2.5 pin header, with locking latch and positioning spigot

contact pitch 2.5 mm



1. Temperature range -40 °C/+120 °C



2. Materials

Insulating body1 PA 6.6 GF, V0 according to UL 94

Contact pin CuZn, pre-nickeled and tinned



3. Mechanical data

Mating with connectors 3521, 3521-2,

                 connectors acc. to RAST 2.5 standard

4. Electrical data (at Tamb 20 °C)

Rated current 4 A at Tamb 60 °C

2 A at Tamb 120 °C

Rated voltage   32 V AC

Material group   IIIa (CTI ≥ 250)

Creepage distance ≥ 1.8 mm

Clearance ≥ 1.8 mm

Insulation resistance > 1 GΩ

 




Similar Part No. - 355015

ManufacturerPart #DatasheetDescription
logo
Lumberg
355015 LUMBERG-355015 Datasheet
473Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
More results


Similar Description - 355015

ManufacturerPart #DatasheetDescription
logo
Lumberg
3500 LUMBERG-3500 Datasheet
92Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3510 LUMBERG-3510 Datasheet
117Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3513 LUMBERG-3513 Datasheet
109Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3517 LUMBERG-3517 Datasheet
277Kb / 3P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3518 LUMBERG-3518 Datasheet
283Kb / 3P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3542 LUMBERG-3542 Datasheet
94Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3554 LUMBERG-3554 Datasheet
91Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
3557 LUMBERG-3557 Datasheet
91Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
83545 LUMBERG-83545 Datasheet
100Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
355299 LUMBERG-355299 Datasheet
763Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com