Electronic Components Datasheet Search
  English  ▼

X  

SK3B Datasheet (PDF) - Cystech Electonics Corp.

SK3B Datasheet PDF - Cystech Electonics Corp.
Part # SK3B
Download  SK3B Download
File Size   87.75 Kbytes
Page   3 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description 3.0Amp. Surface Mount Schottky Barrier Diodes

SK3B Datasheet (PDF)

Go To PDF Page Download Datasheet
SK3B Datasheet PDF - Cystech Electonics Corp.

Part # SK3B
Download  SK3B Click to download

File Size   87.75 Kbytes
Page   3 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description 3.0Amp. Surface Mount Schottky Barrier Diodes

SK3B Datasheet (HTML) - Cystech Electonics Corp.


SK3B Product details

Features
• For surface mounted applications.
• For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications
• Plastic material used carries Underwriters Laboratory Flammability Classification 94V-0
• Low leakage current
• High surge capability
• High temperature soldering: 250°C/10 seconds at terminals
• Exceeds environmental standards of MIL-S-19500/228
• Pb-free package

Mechanical Data
• Case: SMA/DO-214AC molded plastic.
• Terminals: Solder plated, solderable per MIL-STD-750 method 2026
• Polarity: Indicated by cathode band.
• Packaging: 12mm tape per EIA STD RS-481.
• Weight: 0.064 gram, 0.002 ounce 




Similar Part No. - SK3B

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SK3B GOOD-ARK-SK3B Datasheet
185Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SynSemi, Inc.
SK3B SYNSEMI-SK3B Datasheet
39Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Cystech Electonics Corp...
SK3B CYSTEKEC-SK3B Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK3B CYSTEKEC-SK3B Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK3B CYSTEKEC-SK3B Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
More results


Similar Description - SK3B

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSMA320-3100SA CYSTEKEC-CSMA320-3100SA Datasheet
144Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
CSMA582XSA CYSTEKEC-CSMA582XSA Datasheet
142Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK3BSA CYSTEKEC-SK3BSA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK3XSB CYSTEKEC-SK3XSB Datasheet
218Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK34SA CYSTEKEC-SK34SA Datasheet
257Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK36SA CYSTEKEC-SK36SA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK38SA CYSTEKEC-SK38SA Datasheet
87Kb / 3P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK320SC CYSTEKEC-SK320SC Datasheet
194Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK340SC CYSTEKEC-SK340SC Datasheet
194Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
SK3100SC CYSTEKEC-SK3100SC Datasheet
367Kb / 6P
3.0Amp. Surface Mount Schottky Barrier Diodes
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com