Electronic Components Datasheet Search
  English  ▼

X  

UDN-2944W Datasheet (PDF) - List of Unclassifed Manufacturers

UDN-2944W Datasheet PDF - List of Unclassifed Manufacturers
Part # UDN-2944W
Download  UDN-2944W Download
File Size   3416.58 Kbytes
Page   163 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 1.5A DARLINGTON SWITCHES

UDN-2944W Datasheet (PDF)

Go To PDF Page Download Datasheet
UDN-2944W Datasheet PDF - List of Unclassifed Manufacturers

Part # UDN-2944W
Download  UDN-2944W Click to download

File Size   3416.58 Kbytes
Page   163 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 1.5A DARLINGTON SWITCHES

UDN-2944W Datasheet (HTML) - List of Unclassifed Manufacturers




Similar Part No. - UDN-2944W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UDN-2933LB ETC2-UDN-2933LB Datasheet
1Mb / 42P
PACKAGE INFORMATION
logo
Allegro MicroSystems
UDN-2935 ALLEGRO-UDN-2935 Datasheet
562Kb / 7P
BIPOLAR HALF-BRIDGE MOTOR DRIVERS
UDN-2935Z ALLEGRO-UDN-2935Z Datasheet
562Kb / 7P
BIPOLAR HALF-BRIDGE MOTOR DRIVERS
UDN-2950Z ALLEGRO-UDN-2950Z Datasheet
562Kb / 7P
BIPOLAR HALF-BRIDGE MOTOR DRIVERS
logo
List of Unclassifed Man...
UDN-2975W ETC1-UDN-2975W Datasheet
167Kb / 3P
DUAL 4A SOLENOID DRIVERS
More results


Similar Description - UDN-2944W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
QUAD DARLINGTON SWITCHES
Apr-1993
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
50V - 1.5A QUAD DARLINGTON SWITCHES
Apr-1993
logo
Allegro MicroSystems
2064 ALLEGRO-2064 Datasheet
203Kb / 12P
QUAD 1.5 A DARLINGTON SWITCHES
2878 ALLEGRO-2878 Datasheet
222Kb / 8P
QUAD HIGH-CURRENT DARLINGTON SWITCHES
ULS-2064H ALLEGRO-ULS-2064H Datasheet
1Mb / 12P
1.25 A QUAD DARLINGTON SWITCHES
logo
Mitsubishi Electric Sem...
M5248P MITSUBISHI-M5248P Datasheet
158Kb / 3P
4-UNIT 1.5A DARLINGTON CURRENT DIRVER
logo
STMicroelectronics
ULN2064B STMICROELECTRONICS-ULN2064B_03 Datasheet
1,009Kb / 8P
50V - 1.5A QUAD DARLINGTON SWITCHES
Sep-2003
logo
Maxim Integrated Produc...
MAX14523A MAXIM-MAX14523A Datasheet
275Kb / 10P
250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX14523A MAXIM-MAX14523A_11 Datasheet
349Kb / 11P
250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
MAX14523A MAXIM-MAX14523A_V01 Datasheet
788Kb / 11P
250mA to 1.5A, Adjustable Current-Limit Switches
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com