Electronic Components Datasheet Search
  English  ▼

X  

MAX11647 Datasheet (PDF) - Maxim Integrated Products

MAX11647 Datasheet PDF - Maxim Integrated Products
Part # MAX11647
Download  MAX11647 Download
File Size   378.89 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 1-/2-Channel, 2-Wire Serial, 10-Bit ADCs

MAX11647 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11647 Datasheet PDF - Maxim Integrated Products

Part # MAX11647
Download  MAX11647 Click to download

File Size   378.89 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 1-/2-Channel, 2-Wire Serial, 10-Bit ADCs

MAX11647 Datasheet (HTML) - Maxim Integrated Products


MAX11647 Product details

General Description
The MAX11646/MAX11647 low-power, 10-bit, 1-/2-channel analog-to-digital converters (ADCs) feature internal track/hold (T/H), voltage reference, a clock, and an I2C-compatible 2-wire serial interface. These devices operate from a single supply of 2.7V to 3.6V (MAX11647) or 4.5V to 5.5V (MAX11646) and require only 6µA at a 1ksps sample rate. AutoShutdown™ powers down the devices between conversions, reducing supply current to less than 1µA at lower throughput rates. The MAX11646/MAX11647 each measure two single-ended or one differential input. The fully differential analog inputs are software configurable for unipolar or bipolar and single-ended or differential operation.

Features
♦ Ultra-Tiny 1.9mm x 2.2mm Wafer Level Package
♦ High-Speed I2C-Compatible Serial Interface
    400kHz Fast Mode
    1.7MHz High-Speed Mode
♦ Single Supply
    2.7V to 3.6V (MAX11647)
    4.5V to 5.5V (MAX11646)
♦ Internal Reference
    2.048V (MAX11647)
    4.096V (MAX11646)
♦ External Reference: 1V to VDD
♦ Internal Clock
♦ 2-Channel Single-Ended or 1-Channel Fully Differential
♦ Internal FIFO with Channel-Scan Mode
♦ Low Power
    670µA at 94.4ksps
    230µA at 40ksps
    60µA at 10ksps
    6µA at 1ksps
    0.5µA in Power-Down Mode
♦ Software-Configurable Unipolar/Bipolar

Applications
    Handheld Portable Applications
    Medical Instruments
    Battery-Powered Test Equipment
    Power-Supply Monitoring
    Solar-Powered Remote Systems
    Received-Signal-Strength Indicators
    System Supervision




Similar Part No. - MAX11647

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11642 MAXIM-MAX11642 Datasheet
5Mb / 40P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12
MAX11642 MAXIM-MAX11642 Datasheet
5Mb / 40P
Collects Up to One Million Samples
Rev 1; 4/12
MAX11642 MAXIM-MAX11642 Datasheet
1Mb / 22P
8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
MAX11642EEG+T MAXIM-MAX11642EEG+T Datasheet
1Mb / 22P
8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
MAX11643 MAXIM-MAX11643 Datasheet
5Mb / 40P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12
More results


Similar Description - MAX11647

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1136 MAXIM-MAX1136 Datasheet
471Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
19-2334; Rev 1; 4/02
MAX1036 MAXIM-MAX1036_09 Datasheet
292Kb / 23P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 3; 2/09
MAX1136 MAXIM-MAX1136_09 Datasheet
308Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 5; 5/09
MAX1236 MAXIM-MAX1236_09 Datasheet
228Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 5; 2/09
MAX11606 MAXIM-MAX11606 Datasheet
583Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/8-/12-Channel, 2-Wire Serial 10-Bit ADCs
Rev 1; 7/09
MAX11644 MAXIM-MAX11644 Datasheet
396Kb / 21P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 1-/2-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 0; 4/10
MAX1037EKA-T MAXIM-MAX1037EKA-T Datasheet
748Kb / 23P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power 4-/12-Channel 2-Wire Serial 8-Bit ADCs
Rev 4; 5/09
MAX1239EEE-T MAXIM-MAX1239EEE-T Datasheet
378Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
Rev 7; 5/10
MAX1136 MAXIM-MAX1136_V01 Datasheet
319Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial 10-Bit ADCs
2010
MAX1236 MAXIM-MAX1236_V01 Datasheet
378Kb / 22P
2.7V to 3.6V and 4.5V to 5.5V, Low-Power, 4-/12-Channel, 2-Wire Serial, 12-Bit ADCs
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com