Electronic Components Datasheet Search
  English  ▼

X  

B82799S0 Datasheet (PDF) - EPCOS

B82799S0 Datasheet PDF - EPCOS
Part # B82799S0
Download  B82799S0 Download
File Size   246.5 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Data and signal line chokes

B82799S0 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82799S0 Datasheet PDF - EPCOS

Part # B82799S0
Download  B82799S0 Click to download

File Size   246.5 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Data and signal line chokes

B82799S0 Datasheet (HTML) - EPCOS


B82799S0 Product details

Data and signal line chokes Common-mode chokes, ring core, EIA 1812



Rated voltage 42 V AC/80 V DC

Rated inductance 0.011 mH to 0.47 mH

Rated current 200 mA to 300 mA



Features

■150 °C version

■Qualified to AEC-Q200

■Suitable for reflow soldering

■Suitable for conductive adhesion due gold-plated terminals

■RoHS-compatible



Construction

■Current-compensated ring core double choke

■Ferrite core

■LCP case (UL 94 V-0)

■Silicone potting

■Bifilar winding (B82799C0)

■Sector winding (B82799S0)



Function

■B82799C0:

Suppression of asymmetrical interference coupled in on lines, whereas data signals up to some MHz can pass unaffectedly.

■B82799S0:

Suppression of asymmetrical and symmetrical interference (by Lstray) coupled in on lines. The high-frequency portions of the symmetrical data signal are decreased so far that EMC problems can be significantly reduced.



Applications

■Automotive applications, e.g. CAN bus




Similar Part No. - B82799S0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B82799S0223N001 ETC-B82799S0223N001 Datasheet
81Kb / 6P
Chokes for Data and Signal Lines
B82799S0333N001 ETC-B82799S0333N001 Datasheet
81Kb / 6P
Chokes for Data and Signal Lines
B82799S0513N001 ETC-B82799S0513N001 Datasheet
81Kb / 6P
Chokes for Data and Signal Lines
More results


Similar Description - B82799S0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82788C0113H052 EPCOS-B82788C0113H052 Datasheet
186Kb / 9P
Data and signal line chokes
B82791G0015A017 EPCOS-B82791G0015A017 Datasheet
156Kb / 6P
Data and signal line chokes
B82792C2474N315 EPCOS-B82792C2474N315_08 Datasheet
196Kb / 8P
Data and signal line chokes
B82793C0502N201 EPCOS-B82793C0502N201_08 Datasheet
314Kb / 12P
Data and signal line chokes
B82793C2113N201 EPCOS-B82793C2113N201_08 Datasheet
203Kb / 8P
Data and signal line chokes
B82794C0475N465 EPCOS-B82794C0475N465 Datasheet
229Kb / 9P
Data and signal line chokes
B82794C2 EPCOS-B82794C2 Datasheet
502Kb / 8P
Data and signal line chokes
B82790C475N265 EPCOS-B82790C475N265 Datasheet
260Kb / 11P
Data and signal line chokes
B82790C474N215 EPCOS-B82790C474N215 Datasheet
260Kb / 11P
Data and signal line chokes
B82789C223N2 EPCOS-B82789C223N2 Datasheet
205Kb / 11P
Data and signal line chokes
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com