Electronic Components Datasheet Search
  English  ▼

X  

LTV-725FS Datasheet (PDF) - Lite-On Technology Corporation

LTV-725FS Datasheet PDF - Lite-On Technology Corporation
Part # LTV-725FS
Download  LTV-725FS Download
File Size   191.97 Kbytes
Page   9 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Property of LITE-ON Only

LTV-725FS Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV-725FS Datasheet PDF - Lite-On Technology Corporation

Part # LTV-725FS
Download  LTV-725FS Click to download

File Size   191.97 Kbytes
Page   9 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Property of LITE-ON Only

LTV-725FS Datasheet (HTML) - Lite-On Technology Corporation


LTV-725FS Product details

FEATURES
* High collector-emitter voltage
    ( VCEO : 300V )
* High current transfer ratio
    ( CTR : MIN. 1,000 at IF=1mA, VCE=2V)
* High isolation voltage between input and output
    ( VISO = 5,000Vrms )
* Low collector dark current
    ( ICEO : MAX. 10-6A at VCE = 200V )
* Dual-in-line package :
    LTV-725F
* Wide lead spacing package :
    LTV-725FM
* Surface mounting package :
    LTV-725FS
* Tape and reel packaging :
    LTV-725FS-TA1
* UL approved ( No. E113898 )
* TUV approved ( No. R9653630 )
* CSA approved ( No. CA91533-1 )
* FIMKO approved ( No. 209049 )
* NEMKO approved ( No. P99102464 )
* DEMKO approved ( No. 99-04182)
* SEMKO approved ( No. 9943380 / 01-20 )
* VDE approved ( No. 094722 )




Similar Part No. - LTV-725FS

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV-725FS TENAND-LTV-725FS Datasheet
230Kb / 9P
Property of LITE-ON Only
LTV-725FS-TA1 TENAND-LTV-725FS-TA1 Datasheet
230Kb / 9P
Property of LITE-ON Only
More results


Similar Description - LTV-725FS

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com