Electronic Components Datasheet Search
  English  ▼

X  

LTV827S-V Datasheet (PDF) - Lite-On Technology Corporation

LTV827S-V Datasheet PDF - Lite-On Technology Corporation
Part # LTV827S-V
Download  LTV827S-V Download
File Size   445.36 Kbytes
Page   15 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Property of Lite-On Only

LTV827S-V Datasheet (PDF)

Go To PDF Page Download Datasheet
LTV827S-V Datasheet PDF - Lite-On Technology Corporation

Part # LTV827S-V
Download  LTV827S-V Click to download

File Size   445.36 Kbytes
Page   15 Pages
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation
Description Property of Lite-On Only

LTV827S-V Datasheet (HTML) - Lite-On Technology Corporation


LTV827S-V Product details

High Density Mounting Type Photocoupler



Features

Current transfer ratio (CTR : MIN. 50% at IF=5mA, VCE=5V)

High input-output isolation voltage: (VISO : 5,000Vrms)

Compact dual-in-line package

  LTV-817 : 1-channel type

  LTV-827 : 2-channel type

  LTV-847 : 4-channel type

UL approved (No. E113898)

TUV approved (No. R9653630)

CSA approved (No. CA91533-1)

FIMKO approved (No. 202634)

NEMKO approved (No. P98101945)

DEMKO approved (No. 307857)

SEMKO approved (No. 9832157/01-03)

VDE approved (No. 094722)

Options available :

  -Leads with 0.4"(10.16mm)spacing (M Type)

  -Leads bends for surface mounting(S Type)

  -Tape and Reel of Type I for SMD(Add"-TA"Suffix)

  -Tape and Reel of Type II for SMD(Add"-TA1"Suffix)

  -VDE 0884 approvals (Add"-V"Suffix)



Applications

1. Computer terminals.

2. System appliances, measuring instruments.

3. Registers, copiers, automatic vending machines.

4. Electric home appliances such as fan heaters, etc.

5. Signal transmission between circuits of different potentials and impedances.




Similar Part No. - LTV827S-V

ManufacturerPart #DatasheetDescription
logo
Shenzhen Tenand Technol...
LTV827S-V TENAND-LTV827S-V Datasheet
1Mb / 5P
High Density Mounting Type Photocoupler
logo
Lite-On Technology Corp...
LTV827S-V LITEON-LTV827S-V Datasheet
698Kb / 5P
High Density Mounting Type Photocoupler
More results


Similar Description - LTV827S-V

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTST-C21TGKT LITEON-LTST-C21TGKT Datasheet
667Kb / 11P
Property of Lite-On Only
LTST-C155KGJSKT LITEON-LTST-C155KGJSKT Datasheet
579Kb / 11P
Property of Lite-On Only
LTST-C155KSKRKT LITEON-LTST-C155KSKRKT Datasheet
562Kb / 11P
Property of Lite-On Only
LTST-C155TBJSKT LITEON-LTST-C155TBJSKT Datasheet
560Kb / 11P
Property of Lite-On Only
LTST-C190TGKT LITEON-LTST-C190TGKT Datasheet
567Kb / 11P
Property of Lite-On Only
LTST-C190ZBKT LITEON-LTST-C190ZBKT Datasheet
499Kb / 11P
Property of Lite-On Only
LTST-C191KRKT-5A LITEON-LTST-C191KRKT-5A Datasheet
553Kb / 11P
Property of Lite-On Only
LTST-C193KGKT-5A LITEON-LTST-C193KGKT-5A Datasheet
570Kb / 11P
Property of Lite-On Only
LTST-C193SBKT-5A LITEON-LTST-C193SBKT-5A Datasheet
517Kb / 11P
Property of Lite-On Only
LTST-C194TBKT-5A LITEON-LTST-C194TBKT-5A Datasheet
538Kb / 11P
Property of Lite-On Only
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com