Electronic Components Datasheet Search
  English  ▼

X  

ADuM7441 Datasheet (PDF) - Analog Devices

ADuM7441 Datasheet PDF - Analog Devices
Part # ADuM7441
Download  ADuM7441 Download
File Size   417.57 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 kV RMS Quad-Channel Digital Isolators

ADuM7441 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADuM7441 Datasheet PDF - Analog Devices

Part # ADuM7441
Download  ADuM7441 Click to download

File Size   417.57 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 1 kV RMS Quad-Channel Digital Isolators

ADuM7441 Datasheet (HTML) - Analog Devices


ADuM7441 Product details

GENERAL DESCRIPTION
The ADuM744x1 are 4-channel digital isolators based on the Analog Devices, Inc., iCoupler® technology. Combining high speed CMOS and monolithic air core transformer technologies, these isolation components provide outstanding performance characteristics superior to the alternatives, such as optocoupler devices and other integrated couplers.

FEATURES
   Small, 16-lead QSOP
   1000 V rms isolation rating
   Safety and regulatory approvals
      UL recognition
         UL 1577: 1000 V rms for 1 minute
      CSA Component Acceptance Notice #5A (pending)
   Low power operation
      5 V operation
         2.25 mA per channel maximum @ 0 Mbps to 1 Mbps
         11.5 mA per channel maximum @ 25 Mbps
      3.3 V operation
         1.5 mA per channel maximum @ 0 Mbps to 1 Mbps
         8.25 mA per channel maximum @ 25 Mbps
   Bidirectional communication
   Up to 25 Mbps data rate (NRZ)
   3 V/5 V level translation
   High temperature operation: 105°C
   High common-mode transient immunity: >15 kV/ μs

APPLICATIONS
   General-purpose, multichannel isolation
   SPI interface/data converter isolation
   RS-232/RS-422/RS-485 transceivers
   Industrial field bus isolation




Similar Part No. - ADuM7441

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM7441 AD-ADUM7441 Datasheet
323Kb / 20P
1 kV RMS Quad-Channel Digital Isolators
REV. B
More results


Similar Description - ADuM7441

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM4400 AD-ADUM4400 Datasheet
456Kb / 20P
5 kV RMS Quad-Channel Digital Isolators
REV. 0
ADUM7440 AD-ADUM7440_11 Datasheet
323Kb / 20P
1 kV RMS Quad-Channel Digital Isolators
REV. B
ADUM7641ARQZ AD-ADUM7641ARQZ Datasheet
392Kb / 20P
1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM1280WCRZ AD-ADUM1280WCRZ Datasheet
421Kb / 20P
3 kV RMS Dual Channel Digital Isolators
REV. A
ADUM3480 AD-ADUM3480 Datasheet
339Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
REV. 0
ADUM140D AD-ADUM140D Datasheet
693Kb / 27P
3.0 kV RMS/3.75 kV RMS Quad Digital Isolators
REV. B
ADUM240D AD-ADUM240D Datasheet
496Kb / 24P
5.0 kV rms Quad Digital Isolators
REV. 0
ADUM130D AD-ADUM130D Datasheet
649Kb / 22P
3.0 kV RMS/3.75 kV RMS Triple-Channel Digital Isolators
REV. A
ADUM7640 AD-ADUM7640 Datasheet
392Kb / 20P
1 kV RMS Six-Channel Digital Isolators
REV. 0
ADUM3480 AD-ADUM3480_V01 Datasheet
371Kb / 20P
Small, 3.75 kV RMS Quad Digital Isolators
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com