Electronic Components Datasheet Search
  English  ▼

X  

2N4347 Datasheet (PDF) - Comset Semiconductor

2N4347 Datasheet PDF - Comset Semiconductor
Part # 2N4347
Download  2N4347 Download
File Size   203.51 Kbytes
Page   3 Pages
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor
Description HIGH POWER INDUSTRIAL TRANSISTORS

2N4347 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N4347 Datasheet PDF - Comset Semiconductor

Part # 2N4347
Download  2N4347 Click to download

File Size   203.51 Kbytes
Page   3 Pages
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor
Description HIGH POWER INDUSTRIAL TRANSISTORS

2N4347 Datasheet (HTML) - Comset Semiconductor


2N4347 Product details

HIGH POWER INDUSTRIAL TRANSISTORS

NPN silicon transistors designed for applications in industrial and commercial equipment including high fidelity audio amplifiers, series and shunts regulators and power switches.

• Low Collector-Emitter Saturation Voltage –
   VCE(sat) = 1.0 Vdc (Max) @ IC = 2.0 Adc – 2N4347
• Collector-Emitter Sustaining Voltage
   VCEO(sus) = 120 Vdc (Min) – 2N4347
                         140 Vdc (Min) – 2N3442
• Excellent Second-Breakdown Capability




Similar Part No. - 2N4347

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N4347 MOSPEC-2N4347 Datasheet
132Kb / 3P
POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N4347 BOCA-2N4347 Datasheet
141Kb / 3P
HIGH-POWER INDUSTRIAL TRANSISTORS
logo
List of Unclassifed Man...
2N4347 ETC1-2N4347 Datasheet
40Kb / 1P
TO-3 Power Package Transistors (NPN)
2N4347 ETC1-2N4347 Datasheet
93Kb / 2P
COLLECTOR CURRENT = 10 AMPS NPN TYPES
2N4347 ETC2-2N4347 Datasheet
188Kb / 3P
HIGH POWER INDUSTRIAL TRANSISTORS
More results


Similar Description - 2N4347

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N3442 BOCA-2N3442 Datasheet
141Kb / 3P
HIGH-POWER INDUSTRIAL TRANSISTORS
logo
ON Semiconductor
2N3442 ONSEMI-2N3442 Datasheet
65Kb / 4P
High?뭁ower Industrial Transistors
February, 2006 ??Rev. 11
logo
List of Unclassifed Man...
2N3442 ETC2-2N3442 Datasheet
188Kb / 3P
HIGH POWER INDUSTRIAL TRANSISTORS
logo
Unisonic Technologies
TIP35C UTC-TIP35C Datasheet
93Kb / 2P
HIGH POWER TRANSISTORS
TIP36C UTC-TIP36C Datasheet
93Kb / 2P
HIGH POWER TRANSISTORS
logo
Comset Semiconductor
2N3442 COMSET-2N3442_12 Datasheet
80Kb / 3P
HIGH POWER INDUSTRIAL TRANSISTORS
logo
Continental Device Indi...
TIP33 CDIL-TIP33 Datasheet
337Kb / 4P
HIGH POWER TRANSISTORS
logo
Unisonic Technologies
TIP35C UTC-TIP35C_15 Datasheet
143Kb / 4P
HIGH POWER TRANSISTORS
TIP36C UTC-TIP36C_15 Datasheet
176Kb / 4P
HIGH POWER TRANSISTORS
logo
ams AG
EGA2000-850-W AMSCO-EGA2000-850-W Datasheet
1Mb / 24P
Industrial High-Power Flood Illuminator
v2-00 2023-Apr-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com