Electronic Components Datasheet Search
  English  ▼

X  

TC74AC04F Datasheet (PDF) - Toshiba Semiconductor

TC74AC04F Datasheet PDF - Toshiba Semiconductor
Part # TC74AC04F
Download  TC74AC04F Download
File Size   240.99 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HEX INVERTER

TC74AC04F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC74AC04F Datasheet PDF - Toshiba Semiconductor

Part # TC74AC04F
Download  TC74AC04F Click to download

File Size   240.99 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HEX INVERTER

TC74AC04F Datasheet (HTML) - Toshiba Semiconductor


TC74AC04F Product details

Hex Inverter



The TC74AC04 is an advanced high speed CMOS INVERTER fabricated with silicon gate and double-layer metal wiring C2 MOS technology.

It achieves the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation.



Features

•  High speed: tpd= 3.2 ns (typ.) at VCC= 5 V

•  Low power dissipation: ICC= 4 μA (max) at Ta = 25°C

•  High noise immunity: VNIH= VNIL= 28% VCC(min)

•  Symmetrical output impedance: |IOH| = IOL= 24 mA (min)

                                             Capability of driving 50 Ω transmission lines.

•  Balanced propagation delays: tpLH∼  − tpHL

•  Wide operating voltage range: VCC (opr)= 2 to 5.5 V

•  Pin and function compatible with 74F04




Similar Part No. - TC74AC04F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC04F TOSHIBA-TC74AC04F Datasheet
252Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
TC74AC04FN TOSHIBA-TC74AC04FN Datasheet
252Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
TC74AC04FT TOSHIBA-TC74AC04FT Datasheet
252Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Hex Inverter
TC74AC04FT TOSHIBA-TC74AC04FT_12 Datasheet
217Kb / 8P
Hex Inverter
TC74AC04F TOSHIBA-TC74AC04F_12 Datasheet
217Kb / 8P
Hex Inverter
More results


Similar Description - TC74AC04F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com