| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
NSS12200WT1G
|
63Kb / 6P |
12 V, 3 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0 |
|
NSS12100XV6T1G
|
100Kb / 5P |
12 V, 1 A, Low VCE(sat) PNP Transistor
November, 2006 ??Rev. 0 |
|
NSS12200LT1G
|
102Kb / 5P |
12 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0 |
|
NSS12500UW3T2G
|
60Kb / 5P |
12 V, 8.0 A, Low VCE(sat) PNP Transistor
July, 2006 ??Rev. 0 |
|
NSS12600CF8T1G
|
102Kb / 5P |
12 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0 |
|
NSS12500UW3T2G
|
108Kb / 5P |
12 V, 8.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1 |
|
NSS12600CF8T1G
|
106Kb / 5P |
12 V, 6.0 A, Low VCE(sat) PNP Transistor
March, 2007 ??Rev. 1 |
|
NSS12100M3T5G
|
87Kb / 5P |
12 V, 1 A, Low VCE(sat) PNP Transistor
September, 2007 - Rev. 0 |
|
NSS12200LT1G
|
132Kb / 5P |
12 V, 4.0 A, Low VCE(sat) PNP Transistor
August, 2009 ??Rev. 3 |
|
NSS12200WT1G
|
134Kb / 5P |
12 V, 3 A, Low VCE(sat) PNP Transistor
October, 2009 ??Rev. 1 |