Electronic Components Datasheet Search
  English  ▼

X  

72927 Datasheet (PDF) - Pomona Electronics

72927 Datasheet PDF - Pomona Electronics
Part # 72927
Download  72927 Download
File Size   180.2 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Insulated BNC (M) / 4mm Plugs

72927 Datasheet (PDF)

Go To PDF Page Download Datasheet
72927 Datasheet PDF - Pomona Electronics

Part # 72927
Download  72927 Click to download

File Size   180.2 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Insulated BNC (M) / 4mm Plugs

72927 Datasheet (HTML) - Pomona Electronics




Similar Part No. - 72927

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
7292 KEYSTONE-7292 Datasheet
472Kb / 1P
COMPUTER HARDWARE
31-07 20th
logo
Pomona Electronics
72920 POMONA-72920 Datasheet
129Kb / 1P
2mm SAFETY Sheathed Patch Cords
72921 POMONA-72921 Datasheet
124Kb / 1P
2mm SAFETY Sheathed Jack
72922 POMONA-72922 Datasheet
120Kb / 1P
2mm SAFETY Sheathed Jack with Solder Tab
72923 POMONA-72923 Datasheet
144Kb / 1P
SMD Test Probe W/ Sharp, Spring Mounted Tip, 2MM
More results


Similar Description - 72927

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5931 POMONA-5931 Datasheet
70Kb / 1P
Panel Mount 4mm Banana Jack For Sheathed Plugs
72908 POMONA-72908 Datasheet
93Kb / 1P
IEC Insulated BNC (M) to stackable/retractable
72910 POMONA-72910 Datasheet
70Kb / 1P
IEC Insulated BNC (M) to 2 male banana 4 mm plugs
72911 POMONA-72911 Datasheet
71Kb / 1P
IEC Insulated BNC (F) to 2 male banana 4 mm plugs
logo
Amphenol Corporation
000-16300 AMPHENOL-000-16300 Datasheet
53Kb / 1P
BNC 50 ohm Cable Plugs
031-30220-1 AMPHENOL-031-30220-1 Datasheet
244Kb / 1P
BNC 50 ohm Bulkhead Plugs
031-70008 AMPHENOL-031-70008 Datasheet
44Kb / 1P
BNC 75 ohm Plugs
logo
Tyco Electronics
143-985 MACOM-143-985 Datasheet
48Kb / 1P
Shrouded Patch Cord 4mm Plugs
logo
List of Unclassifed Man...
P252100 ETC2-P252100 Datasheet
211Kb / 2P
LEAD 4MM STACKING SHEATHED PLUGS
logo
PHOENIX CONTACT
3048577 PHOENIX-3048577 Datasheet
72Kb / 4P
Test plugs - MPS-MT/ 4MM
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com