Electronic Components Datasheet Search
  English  ▼

X  

AT60142FT Datasheet (PDF) - ATMEL Corporation

AT60142FT Datasheet PDF - ATMEL Corporation
Part # AT60142FT
Download  AT60142FT Download
File Size   352.77 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM

AT60142FT Datasheet (PDF)

Go To PDF Page Download Datasheet
AT60142FT Datasheet PDF - ATMEL Corporation

Part # AT60142FT
Download  AT60142FT Click to download

File Size   352.77 Kbytes
Page   13 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM

AT60142FT Datasheet (HTML) - ATMEL Corporation




Similar Part No. - AT60142FT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142FT ATMEL-AT60142FT Datasheet
281Kb / 13P
Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142FT-DC17M-E ATMEL-AT60142FT-DC17M-E Datasheet
281Kb / 13P
Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142FT-DC17M-E ATMEL-AT60142FT-DC17M-E Datasheet
291Kb / 13P
Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142FT-DC17SSB ATMEL-AT60142FT-DC17SSB Datasheet
281Kb / 13P
Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142FT-DD15M-E ATMEL-AT60142FT-DD15M-E Datasheet
291Kb / 13P
Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
More results


Similar Description - AT60142FT

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT60142E ATMEL-AT60142E Datasheet
295Kb / 17P
Rad Hard 512K x 8 Very Low Power CMOS SRAM
M65608E ATMEL-M65608E Datasheet
340Kb / 15P
Rad. Tolerant 128K x 8 Very Low Power 5V CMOS SRAM
AT60142F ATMEL-AT60142F Datasheet
281Kb / 13P
Rad Hard 512K x 8 Very Low Power CMOS SRAM
M65609E ATMEL-M65609E Datasheet
249Kb / 14P
Rad. Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
M65609E ATMEL-M65609E_07 Datasheet
1Mb / 14P
Rad Hard 128K x 8 3.3-volt Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_07 Datasheet
77Kb / 7P
Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142FT ATMEL-AT60142FT_07 Datasheet
291Kb / 13P
Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
AT60142F ATMEL-AT60142F_09 Datasheet
352Kb / 13P
Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142H ATMEL-AT60142H Datasheet
319Kb / 12P
Rad Hard 512K x 8 Very Low Power CMOS SRAM
AT60142HT ATMEL-AT60142HT Datasheet
319Kb / 12P
Rad Hard 512K x 8 5V Tolerant Very Low Power CMOS SRAM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com