Electronic Components Datasheet Search
  English  ▼

X  

MK712RWLF Datasheet (PDF) - Integrated Device Technology

MK712RWLF Datasheet PDF - Integrated Device Technology
Part # MK712RWLF
Download  MK712RWLF Download
File Size   418.47 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description TOUCH SCREEN CONTROLLER

MK712RWLF Datasheet (PDF)

Go To PDF Page Download Datasheet
MK712RWLF Datasheet PDF - Integrated Device Technology

Part # MK712RWLF
Download  MK712RWLF Click to download

File Size   418.47 Kbytes
Page   21 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description TOUCH SCREEN CONTROLLER

MK712RWLF Datasheet (HTML) - Integrated Device Technology


MK712RWLF Product details

Description
The MK712 Touch Screen Controller IC provides all the screen drive, A to D converter and control circuits to easily interface to 4-wire analog resistive touch screens.

Features
• Packaged in 28-pin SSOP (150 mil) or 28-pin SOIC (300 mil)
• Industrial (-30°C to +70°C) and commercial (0 to +70°C) and automotive (-35°C to +85°C) temperature ranges
• Available in Pb (lead) free
• Fully integrated, lowest power solution
• Low standby current of 0.5µA (typical) at 5.0 V
• Active current while converting less than 10 mA
• Resolves 350 dots/inch on 10.5” display
• Maximum speed of 197 points/second
• Ratio metric conversion may eliminate screen calibration
• Automatically wakes up and goes back to standby
• 3.3 V or 5 V supply
• 12 bit A/D converter
• Simplifies the writing of software for touch screens
• Extended temperature range available
• Capacitors are the only external components required
• Touch screen is directly driven - no external transistors are required
• Programmable conversion rate
• A to D Converter is monotonic
• Parallel interface




Similar Part No. - MK712RWLF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712RWLF IDT-MK712RWLF Datasheet
412Kb / 21P
TOUCH SCREEN CONTROLLER
logo
Renesas Technology Corp
MK712RWLF RENESAS-MK712RWLF Datasheet
573Kb / 22P
TOUCH SCREEN CONTROLLER
051310
logo
Integrated Device Techn...
MK712RWLFTR IDT-MK712RWLFTR Datasheet
412Kb / 21P
TOUCH SCREEN CONTROLLER
logo
Renesas Technology Corp
MK712RWLFTR RENESAS-MK712RWLFTR Datasheet
573Kb / 22P
TOUCH SCREEN CONTROLLER
051310
More results


Similar Description - MK712RWLF

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
TOUCH-SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
Touch Screen Controller
RevD020200
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
Touch Screen Controller
11/04-Changed from Rev. 0 to Rev. A
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
Touch Screen Controller
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
Touch Screen Controller
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
TOUCH SCREEN CONTROLLER
ADS7846IRGVRG4 TI1-ADS7846IRGVRG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846NG4 BURR-BROWN-ADS7846NG4 Datasheet
1Mb / 30P
TOUCH SCREEN CONTROLLER
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
Touch Screen Controller
2007
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com