Electronic Components Datasheet Search
  English  ▼

X  

STA821M Datasheet (PDF) - Sanken electric

STA821M Datasheet PDF - Sanken electric
Part # STA821M
Download  STA821M Download
File Size   436.88 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Separate Excitation Switching Mode Regulator ICs with Flywheel Diode

STA821M Datasheet (PDF)

Go To PDF Page Download Datasheet
STA821M Datasheet PDF - Sanken electric

Part # STA821M
Download  STA821M Click to download

File Size   436.88 Kbytes
Page   2 Pages
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric
Description Separate Excitation Switching Mode Regulator ICs with Flywheel Diode

STA821M Datasheet (HTML) - Sanken electric


STA821M Product details

■ Features
• Output current: 3A
• High efficiency: TYP 83% (STA821M)
• Built-in flywheel diode (Schottky-barrier diode)
• Requires only 3 discrete components: output
   coil, input and output capacitors
• Phase correction and output voltage
   adjustment performed internally
• Built-in reference oscillator (110kHz)
• Built-in foldback-overcurrent and thermal
   protection circuits
• Built-in ON/OFF circuit (soft start available)

■ Applications
• Power supplies for telecommunication
   equipment
• On-board local power supplies
• OA equipment
• For stabilization of the secondary-side output
   voltage of switching power supplies




Similar Part No. - STA821M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
STA801 SANKEN-STA801 Datasheet
82Kb / 6P
2-Output Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
82Kb / 6P
2-Output Separate Excitation Switching Type
STA801M SANKEN-STA801M Datasheet
62Kb / 2P
2-Output Separate Excitation Step-down Switching Mode
STA802M SANKEN-STA802M Datasheet
82Kb / 6P
2-Output Separate Excitation Switching Type
logo
STMicroelectronics
STA8058 STMICROELECTRONICS-STA8058 Datasheet
195Kb / 14P
Teseo??high performance GPS multi chip module (MCM)
25-Oct-2007
More results


Similar Description - STA821M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-8000TFE SANKEN-SI-8000TFE Datasheet
443Kb / 2P
Full-Mold Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000GL SANKEN-SI-8000GL Datasheet
456Kb / 4P
Series Compact Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000SD SANKEN-SI-8000SD Datasheet
455Kb / 5P
Surface Mount Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000W SANKEN-SI-8000W Datasheet
429Kb / 2P
Surface-Mount Separate Excitation Step-down Switching Mode Regulator ICs
SPI-8000A SANKEN-SPI-8000A Datasheet
440Kb / 3P
Surface Mount, Separate Excitation Step-down Switching Mode Regulator ICs
STA810M SANKEN-STA810M Datasheet
445Kb / 3P
Separate Excitation Switching Mode Regulator ICs with Flywheel Diode
SI-8000GL SANKEN-SI-8000GL_10 Datasheet
45Kb / 2P
Compact, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000HFE SANKEN-SI-8000HFE_10 Datasheet
50Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
SI-8000JF SANKEN-SI-8000JF_10 Datasheet
48Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
NR887D SANKEN-NR887D Datasheet
59Kb / 2P
Full-Mold, Separate Excitation Step-down Switching Mode Regulator ICs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com