Electronic Components Datasheet Search
  English  ▼

X  

TA1231 Datasheet (PDF) - Toshiba Semiconductor

TA1231 Datasheet PDF - Toshiba Semiconductor
Part # TA1231
Download  TA1231 Download
File Size   375.55 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description UHF/VHF TUNER IC

TA1231 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA1231 Datasheet PDF - Toshiba Semiconductor

Part # TA1231
Download  TA1231 Click to download

File Size   375.55 Kbytes
Page   12 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description UHF/VHF TUNER IC

TA1231 Datasheet (HTML) - Toshiba Semiconductor


TA1231 Product details

UHF / VHF TUNER IC

The TA1231F and TA1231FN are TV tuner ICs which integrate on a single chip IF amp, a mixer / oscillator for VHF band and cable TV, together with a mixer / oscillator for UHF band. The package is an SSOP16-P-225A (1-mm pitch) or SSOP16-P-225B (0.65-mm pitch) optimal for surface mounting to help make tuners more compact.

FEATURES
● Supply voltage : 9V
● VHF, CATV bands : MIX · OSC
● UHF band : MIX · OSC
● Built-in IF amp
● IF unbalanced output




Similar Part No. - TA1231

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA12305AF TRANSKO-TA12305AF Datasheet
573Kb / 4P
123.0 MHz IF SAW Filter / 5.53 MHz Bandwidth
Revision 0: 18 July 2012
logo
TAI-SAW TECHNOLOGY CO.,...
TA1230A TAI-SAW-TA1230A Datasheet
418Kb / 6P
SAW Filter 710 MHz
logo
Toshiba Semiconductor
TA1230Z TOSHIBA-TA1230Z Datasheet
490Kb / 12P
TV SOUND MULTIPLEX BROADCAST DEMODULATOR IC FOR EIAJ SYSTEM
logo
TAI-SAW TECHNOLOGY CO.,...
TA1232A TAI-SAW-TA1232A Datasheet
302Kb / 7P
SAW Filter 2655 MHz
logo
Golledge Electronics Lt...
TA1232A GOLLEDGE-TA1232A Datasheet
103Kb / 6P
SAW Filter 2655MHz
More results


Similar Description - TA1231

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA1281F TOSHIBA-TA1281F Datasheet
376Kb / 12P
UHF/VHF TUNER IC
logo
Siemens Semiconductor G...
MTI3006X SIEMENS-MTI3006X Datasheet
327Kb / 14P
VHF/UHF-Tuner IC
logo
Sony Corporation
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
All Band TV Tuner IC (VHF-CATV-UHF)
CXA3125N SONY-CXA3125N Datasheet
201Kb / 13P
All Band TV Tuner IC (VHF-CATV-UHF)
logo
Siemens Semiconductor G...
TUA2009X SIEMENS-TUA2009X Datasheet
576Kb / 16P
VHF I / VHF II / UHF-Tuner IC
TUA2019-5X SIEMENS-TUA2019-5X Datasheet
447Kb / 15P
VHF I / VHF II / UHF-Tuner IC
logo
TEMIC Semiconductors
U2320B TEMIC-U2320B Datasheet
159Kb / 7P
VHF/UHF Tuner-IC
U2309B TEMIC-U2309B Datasheet
189Kb / 8P
VHF/ UHF-Tuner-IC
U2305B TEMIC-U2305B Datasheet
202Kb / 8P
VHF/ UHF-Tuner-IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com