Electronic Components Datasheet Search
  English  ▼

X  

NJW1124 Datasheet (PDF) - New Japan Radio

NJW1124 Datasheet PDF - New Japan Radio
Part # NJW1124
Download  NJW1124 Download
File Size   482.09 Kbytes
Page   29 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Voice Switched Speakerphone circuit

NJW1124 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW1124 Datasheet PDF - New Japan Radio

Part # NJW1124
Download  NJW1124 Click to download

File Size   482.09 Kbytes
Page   29 Pages
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio
Description Voice Switched Speakerphone circuit

NJW1124 Datasheet (HTML) - New Japan Radio


NJW1124 Product details

GENERAL DESCRIPTION

The NJW1124 is a Voice Switched Speakerphone Circuit. NJW1124 includes all of functions processing a high quality handsñfree speakerphone system, such as the necessary amplifiers ( Microphone , Receive ,Line), attenuators, level detectors functions. All external capacitors are sufficient small so that ceramic capacitors are applied.



FEATURES

• Operating voltage range 2.9 to 4.5V

• Force to Receive, Transmit, or Idle modes

• Mode ñwatching monitor

• Attenuator gain range between Transmit and Receive 52dB

• Microphone amplifier with mute function

• Background noise monitor for each path

• Volume control range 40dB

• 4-point signal sensing

• Microphone and Receive Amplifiers pinned out for flexibility

• Package Outline SSOP32



APPLICATION

•Video Door Phone

•Conference System

•Wireless Application

•Security System

 




Similar Part No. - NJW1124

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJW1124 NISSHINBO-NJW1124 Datasheet
468Kb / 29P
Voice Switched Speakerphone circuit
NJW1124V NISSHINBO-NJW1124V Datasheet
468Kb / 29P
Voice Switched Speakerphone circuit
More results


Similar Description - NJW1124

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118 Datasheet
328Kb / 20P
Voice Switched Speakerphone Circuit
logo
SHANGHAI BELLING CO., L...
BL34118 BELLING-BL34118 Datasheet
554Kb / 11P
Voice Switched Speakerphone Circuit
logo
KODENSHI_AUK CORP.
KK34118 KODENSHI-KK34118 Datasheet
901Kb / 14P
Voice Switched Speakerphone Circuit
logo
Taiwan Semiconductor Co...
TS34118 TSC-TS34118_1 Datasheet
989Kb / 23P
Voice Switched Speakerphone Circuit
logo
Estek Electronics Co. L...
ET-IL34118 ESTEK-ET-IL34118 Datasheet
1Mb / 12P
Voice Switched Speakerphone Circuit
logo
Freescale Semiconductor...
MC34018DW FREESCALE-MC34018DW Datasheet
962Kb / 14P
VOICE SWITCHED SPEAKERPHONE CIRCUIT
logo
Motorola, Inc
MC33318 MOTOROLA-MC33318 Datasheet
42Kb / 1P
Voice switched Speakerphone circuit
logo
Taiwan Semiconductor Co...
TS34118CS28 TSC-TS34118CS28 Datasheet
1Mb / 20P
Voice Switched Speakerphone Circuit
logo
ARTSCHIP ELECTRONICS CO...
MC34118 ARTSCHIP-MC34118 Datasheet
94Kb / 2P
VOICE SWITCHED SPEAKERPHONE CIRCUIT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com