Electronic Components Datasheet Search
  English  ▼

X  

SSF3616 Datasheet (PDF) - Silikron Semiconductor Co.,LTD.

SSF3616 Datasheet PDF - Silikron Semiconductor Co.,LTD.
Part # SSF3616
Download  SSF3616 Download
File Size   489.53 Kbytes
Page   7 Pages
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.
Description SSF3616

SSF3616 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSF3616 Datasheet PDF - Silikron Semiconductor Co.,LTD.

Part # SSF3616
Download  SSF3616 Click to download

File Size   489.53 Kbytes
Page   7 Pages
Manufacturer  SILIKRON [Silikron Semiconductor Co.,LTD.]
Direct Link  http://www.silikron.com
Logo SILIKRON - Silikron Semiconductor Co.,LTD.
Description SSF3616

SSF3616 Datasheet (HTML) - Silikron Semiconductor Co.,LTD.


SSF3616 Product details

DESCRIPTION
The SSF3616 uses advanced trench technology to provide excellent RDS(ON) and low gate charge .This device is suitable for use as a load switch or in PWM applications.

$
GENERAL FEATURES
● VDS = 30V,ID =9A
    RDS(ON) < 30mΩ @ VGS=4.5V
    RDS(ON) < 18.5mΩ @ VGS=10V
● High Power and current handing capability
● Lead free product is acquired
● Surface Mount Package

Application
● PWM applications
● Load switch
● Power management




Similar Part No. - SSF3616

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF3616 GOOD-ARK-SSF3616 Datasheet
795Kb / 6P
30V N-Channel MOSFET
SSF3616 GOOD-ARK-SSF3616_15 Datasheet
795Kb / 6P
30V N-Channel MOSFET
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com