Electronic Components Datasheet Search
  English  ▼

X  

K2229 Datasheet (PDF) - Toshiba Semiconductor

K2229 Datasheet PDF - Toshiba Semiconductor
Part # K2229
Download  K2229 Download
File Size   391.8 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications

K2229 Datasheet (PDF)

Go To PDF Page Download Datasheet
K2229 Datasheet PDF - Toshiba Semiconductor

Part # K2229
Download  K2229 Click to download

File Size   391.8 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Silicon N Channel MOS Type Chopper Regulator, DC−DC Converter and Motor Drive Applications

K2229 Datasheet (HTML) - Toshiba Semiconductor


K2229 Product details

Chopper Regulator, DC−DC Converter and Motor Drive Applications



  4-V gate drive

  Low drain−source ON resistance  : RDS (ON)= 0.12 Ω(typ.)

  High forward transfer admittance  : |Yfs| = 5.0 S (typ.)

  Low leakage current  : IDSS= 100 μA (max) (VDS= 60 V)

  Enhancement mode  : Vth= 0.8~2.0 V (VDS= 10 V, ID= 1 mA)




Similar Part No. - K2229

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K2222 ETC-K2222 Datasheet
65Kb / 2P
N-Channel Transistor
K2222-K60 ETC2-K2222-K60 Datasheet
323Kb / 17P
Multilayer Chip Capacitors
K2222-K62 ETC2-K2222-K62 Datasheet
323Kb / 17P
Multilayer Chip Capacitors
K2223-K62 ETC2-K2223-K62 Datasheet
323Kb / 17P
Multilayer Chip Capacitors
logo
Hitachi Semiconductor
K2225 HITACHI-K2225 Datasheet
45Kb / 9P
Silicon N-Channel MOS FET
More results


Similar Description - K2229

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2399 TOSHIBA-2SK2399_06 Datasheet
776Kb / 6P
Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
20-Nov-2006
2SK2614 TOSHIBA-2SK2614_06 Datasheet
235Kb / 6P
Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
17-Nov-2006
2SK2782 TOSHIBA-2SK2782_06 Datasheet
723Kb / 6P
Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
17-Nov-2006
2SK2845 TOSHIBA-2SK2845_06 Datasheet
697Kb / 6P
Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2865 TOSHIBA-2SK2865_06 Datasheet
710Kb / 6P
Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2882 TOSHIBA-2SK2882_06 Datasheet
189Kb / 6P
Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
20-Nov-2006
2SK3127 TOSHIBA-2SK3127_07 Datasheet
160Kb / 3P
Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
16-Mar-2007
2SK3129 TOSHIBA-2SK3129_06 Datasheet
136Kb / 3P
Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
17-Nov-2006
2SK4017 TOSHIBA-2SK4017 Datasheet
241Kb / 6P
Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
20-Nov-2006
2SK4020 TOSHIBA-2SK4020 Datasheet
766Kb / 6P
Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
21-Nov-2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com