Electronic Components Datasheet Search
  English  ▼

X  

MCP3422A1-E/ST Datasheet (PDF) - Microchip Technology

MCP3422A1-E/ST Datasheet PDF - Microchip Technology
Part # MCP3422A1-E/ST
Download  MCP3422A1-E/ST Download
File Size   1118.56 Kbytes
Page   58 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference

MCP3422A1-E/ST Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP3422A1-E/ST Datasheet PDF - Microchip Technology

Part # MCP3422A1-E/ST
Download  MCP3422A1-E/ST Click to download

File Size   1118.56 Kbytes
Page   58 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference

MCP3422A1-E/ST Datasheet (HTML) - Microchip Technology


MCP3422A1-E/ST Product details

Description
The MCP3422, MCP3423 and MCP3424 devices (MCP3422/3/4) are the low noise and high accuracy 18-Bit delta-sigma analog-to-digital (ΔΣ A/D) converter family members of the MCP342X series from Microchip Technology Inc. These devices can convert analog inputs to digital codes with up to 18 bits of resolution.

Features
• 18-bit ΔΣ ADC with Differential Inputs:
    - 2 channels: MCP3422 and MCP3423
    - 4 channels: MCP3424
• Differential Input Full Scale Range: -VREF to +VREF
• Self Calibration of Internal Offset and Gain per Each Conversion
• On-Board Voltage Reference (VREF):
    - Accuracy: 2.048V ± 0.05%
    - Drift: 15 ppm/°C
• On-Board Programmable Gain Amplifier (PGA):
    - Gains of 1, 2, 4 or 8
• INL: 10 ppm of Full Scale Range
• Programmable Data Rate Options:
    - 3.75 SPS (18 bits)
    - 15 SPS (16 bits)
    - 60 SPS (14 bits)
    - 240 SPS (12 bits)
• One-Shot or Continuous Conversion Options
• Low Current Consumption:
    - 135 µA typical (VDD= 3V, Continuous Conversion)
    - 36 µA typical (VDD= 3V, One-Shot Conversion with 1 SPS)
• On-Board Oscillator
• I2C™ Interface:
    - Standard, Fast and High Speed Modes
    - User configurable two external address pins for MCP3423 and MCP3424
• Single Supply Operation: 2.7V to 5.5V
• Extended Temperature Range: -40°C to +125°C

Typical Applications
• Portable Instrumentation and Consumer Goods
• Temperature Sensing with RTD, Thermistor, and Thermocouple
• Bridge Sensing for Pressure, Strain, and Force
• Weigh Scales
• Battery Fuel Gauges
• Factory Automation Equipment




Similar Part No. - MCP3422A1-E/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3421 MICROCHIP-MCP3421 Datasheet
1Mb / 30P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3421 MICROCHIP-MCP3421 Datasheet
761Kb / 42P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3421A0T-E/CH MICROCHIP-MCP3421A0T-E/CH Datasheet
761Kb / 42P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3421A0T-E/OT MICROCHIP-MCP3421A0T-E/OT Datasheet
1Mb / 30P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3421A1T-E/CH MICROCHIP-MCP3421A1T-E/CH Datasheet
761Kb / 42P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
More results


Similar Description - MCP3422A1-E/ST

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Microchip Technology
MCP3421 MICROCHIP-MCP3421 Datasheet
1Mb / 30P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3425 MICROCHIP-MCP3425_09 Datasheet
734Kb / 38P
16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
logo
Maxim Integrated Produc...
MCP3426 MAXIM-MCP3426 Datasheet
950Kb / 56P
16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
03/26/09
logo
Microchip Technology
MCP3428-ESL MICROCHIP-MCP3428-ESL Datasheet
950Kb / 56P
16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
03/26/09
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com