Electronic Components Datasheet Search
  English  ▼

X  

K1358 Datasheet (PDF) - Toshiba Semiconductor

K1358 Datasheet PDF - Toshiba Semiconductor
Part # K1358
Download  K1358 Download
File Size   569.71 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description FET, Silicon N Channel MOS Type(for High Speed, High Current DC-DC Converter, Relay Drive and Motor Diver)

K1358 Datasheet (PDF)

Go To PDF Page Download Datasheet
K1358 Datasheet PDF - Toshiba Semiconductor

Part # K1358
Download  K1358 Click to download

File Size   569.71 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description FET, Silicon N Channel MOS Type(for High Speed, High Current DC-DC Converter, Relay Drive and Motor Diver)

K1358 Datasheet (HTML) - Toshiba Semiconductor


K1358 Product details

Field Effect Transistor
Silicon N Channel MOS Type (π-MOS II.5)
High Speed, High Current DC-DC Converter,
Relay Drive and Motor Drive Applications

Features
• Low Drain-Source ON Resistance
   - RDS(ON) = 1.1Ω (Typ.)
• High Forward Transfer Admittance
   - Yfs = 4.0S (Typ.)
• Low Leakage Current
   - IDSS = 300µA (Max.) @ VDS = 720V
• Enhancement-Mode
   - Vth = 1.5 ~ 3.5V @ VDS = 10V, ID = 1mA




Similar Part No. - K1358

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
K135 STMICROELECTRONICS-K135 Datasheet
483Kb / 18P
Rail-to-rail input/output 20MHz GBP operational amplifiers
12-Dec-2006
logo
Fox Electronics
K135 FOX-K135 Datasheet
300Kb / 3P
3.2 x 1.5mm SMD Tuning Fork
logo
MTRONPTI
K1350 MTRONPTI-K1350 Datasheet
107Kb / 2P
5V Crystal Clock Oscillators
logo
List of Unclassifed Man...
K1351 ETC-K1351 Datasheet
54Kb / 2P
2SK1351
logo
Inchange Semiconductor ...
K1351 ISC-K1351 Datasheet
62Kb / 2P
Drain Current ?밒D=5A@ TC=25C
More results


Similar Description - K1358

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ304 TOSHIBA-2SJ304 Datasheet
280Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ334 TOSHIBA-2SJ334 Datasheet
308Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ349 TOSHIBA-2SJ349 Datasheet
289Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK1118 TOSHIBA-2SK1118 Datasheet
194Kb / 5P
N Channel MOS Type(for High Speed, High Current DC-DC Converter, Relay Drive and Motor Diver)
2SK1382 TOSHIBA-2SK1382 Datasheet
263Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK1544 TOSHIBA-2SK1544 Datasheet
570Kb / 6P
N Channel MOS Type (pie -MOS III.5) High Speed, High Current DC-DC Converter, Relay Drive and Motor Drive Applications
2SK2961 TOSHIBA-2SK2961 Datasheet
268Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK2963 TOSHIBA-2SK2963 Datasheet
291Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2987 TOSHIBA-2SK2987 Datasheet
302Kb / 5P
N CHANNEL MOS TYPE (HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK1382 TOSHIBA-2SK1382_06 Datasheet
748Kb / 6P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com