Electronic Components Datasheet Search
  English  ▼

X  

821-IF65.0M-H Datasheet (PDF) - Oscilent Corporation

821-IF65.0M-H Datasheet PDF - Oscilent Corporation
Part # 821-IF65.0M-H
Download  821-IF65.0M-H Download
File Size   261.98 Kbytes
Page   2 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 65.0 MHz IF SAW Filter

821-IF65.0M-H Datasheet (PDF)

Go To PDF Page Download Datasheet
821-IF65.0M-H Datasheet PDF - Oscilent Corporation

Part # 821-IF65.0M-H
Download  821-IF65.0M-H Click to download

File Size   261.98 Kbytes
Page   2 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 65.0 MHz IF SAW Filter

821-IF65.0M-H Datasheet (HTML) - Oscilent Corporation




Similar Part No. - 821-IF65.0M-H

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF65.0M-H OSCILENT-821-IF65.0M-H_14 Datasheet
117Kb / 4P
65.0MHz IF SAW Filter 10.0MHz Bandwidth
More results


Similar Description - 821-IF65.0M-H

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
835-IF65.0M-D OSCILENT-835-IF65.0M-D_14 Datasheet
108Kb / 3P
65.0 MHz IF SAW Filter 19.3 MHz Bandwidth
813-IF65.0M-29C OSCILENT-813-IF65.0M-29C Datasheet
191Kb / 6P
65.0 MHz IF SAW Filter 29.19 MHz Bandwidth
813-IF65.0M-29D OSCILENT-813-IF65.0M-29D Datasheet
183Kb / 6P
65.0 MHz IF SAW Filter 29.37 MHz Bandwidth
820-IF65.0M-29A OSCILENT-820-IF65.0M-29A Datasheet
226Kb / 6P
65.0 MHz IF SAW Filter 29.55 MHz Bandwidth
821-IF65.0M-29A OSCILENT-821-IF65.0M-29A Datasheet
220Kb / 6P
65.0 MHz IF SAW Filter 29.55 MHz Bandwidth
logo
Transko Electronics, In...
TA06529AD TRANSKO-TA06529AD Datasheet
608Kb / 4P
65.0 MHz IF SAW Filter / 29.55 MHz Bandwidth
Revision 0: 30. Nov. 2009
TA06529AD1 TRANSKO-TA06529AD1 Datasheet
523Kb / 4P
65.0 MHz IF SAW Filter / 29.55 MHz Bandwidth
Revision 0: 26 Oct. 2009
TA06529CV TRANSKO-TA06529CV Datasheet
642Kb / 4P
65.0 MHz IF SAW Filter / 29.19 MHz Bandwidth
Revision 0: 28 Jan. 2010
TA06529DV TRANSKO-TA06529DV Datasheet
671Kb / 4P
65.0 MHz IF SAW Filter / 29.37 MHz Bandwidth
Revision 0: 23. Feb. 2010
TL06506BV TRANSKO-TL06506BV Datasheet
605Kb / 4P
65.0 MHz IF SAW Filter / 6.16 MHz Bandwidth
Revision 0: 16 Jun. 2010
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com