Electronic Components Datasheet Search
  English  ▼

X  

ST6205AS23RG Datasheet (PDF) - Stanson Technology

ST6205AS23RG Datasheet PDF - Stanson Technology
Part # ST6205AS23RG
Download  ST6205AS23RG Download
File Size   296.27 Kbytes
Page   8 Pages
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology
Description Low ESR Low Power High-Speed CMOS LDO

ST6205AS23RG Datasheet (PDF)

Go To PDF Page Download Datasheet
ST6205AS23RG Datasheet PDF - Stanson Technology

Part # ST6205AS23RG
Download  ST6205AS23RG Click to download

File Size   296.27 Kbytes
Page   8 Pages
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology
Description Low ESR Low Power High-Speed CMOS LDO

ST6205AS23RG Datasheet (HTML) - Stanson Technology


ST6205AS23RG Product details

DESCRIPTION
ST6205 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS processes, The series achieves high ripple rejection and low dropout and consists of a standard voltage source, an error correction, current limiter and a phase compensation circuit plus a driver transistor. Output voltage is selectable in 50mV increments within a range of 1.5V~5.0V.

FEATURE
● Highly Accurate +/-2%
● Dropout Voltage 300mV @100mA (3.0V type)
● High Ripple Rejection 70dB (10kHz)
● Low Power Consumption 20uA (TYP)
● Maximum Output Current 150mA
● Standby Current less than 0.1uA
● Internal protector current limiter and short protector
● Small packages SOT-23-3L / SOT323, and other required

APPLICATIONS
● Battery Power Equipment
● Cellular Phone
● Digital Cameras
● Computer Disk Drivers
● Portable games
● Communiction tools




Similar Part No. - ST6205AS23RG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6200 STMICROELECTRONICS-ST6200 Datasheet
972Kb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
15-Jan-2001
ST6200C STMICROELECTRONICS-ST6200C Datasheet
972Kb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
15-Jan-2001
ST6200C STMICROELECTRONICS-ST6200C Datasheet
1Mb / 100P
8-BIT MCUs WITH A/D CONVERTER, TWO TIMERS, OSCILLATOR SAFEGUARD & SAFE RESET
01-Jan-1970
ST6200C STMICROELECTRONICS-ST6200C Datasheet
3Mb / 100P
8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
Oct-2009
ST6200CB1 STMICROELECTRONICS-ST6200CB1 Datasheet
472Kb / 70P
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, OSCILLATOR SAFEGUARD, SAFE RESET AND 16 PINS
Rev. 2.8
More results


Similar Description - ST6205AS23RG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
300mA LOW ESR CMOS LDO WITH ENABLE
logo
Champion Microelectroni...
CM2836 CHAMP-CM2836 Datasheet
401Kb / 11P
300mA LOW ESR CMOS LDO WITH ENABLE
logo
SYNC POWER Crop.
SP2524 SYNC-POWER-SP2524 Datasheet
432Kb / 10P
Low ESR Cap. & Low Power High-speed CMOS LDO With CE Pin
SP2525 SYNC-POWER-SP2525 Datasheet
425Kb / 10P
Low ESR Cap. & Low Power High-speed CMOS LDO
logo
Champion Microelectroni...
CM2836 CHAMP-CM2836_09 Datasheet
313Kb / 11P
300mA LOW ESR CMOS LDO WITH ENABLE
CM2838 CHAMP-CM2838 Datasheet
328Kb / 10P
300mA LOW ESR CMOS LDO WITH ENABLE
logo
Advanced Monolithic Sys...
AMS6211 AMS-AMS6211 Datasheet
1Mb / 5P
LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
AMS6221 AMS-AMS6221 Datasheet
1Mb / 3P
LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
logo
Will Semiconductor Ltd.
WL2808E WILLSEMI-WL2808E Datasheet
1Mb / 9P
Low noise, High PSRR, High speed, CMOS LDO
WL2836E WILLSEMI-WL2836E Datasheet
4Mb / 15P
Low noise, High PSRR, High speed, CMOS LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com