Electronic Components Datasheet Search
  English  ▼

X  

C9200 Datasheet (PDF) - Silan Microelectronics Joint-stock

C9200 Datasheet PDF - Silan Microelectronics Joint-stock
Part # C9200
Download  C9200 Download
File Size   194.76 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description DTMF GENERATOR WITH MICROPROCESSOR

C9200 Datasheet (PDF)

Go To PDF Page Download Datasheet
C9200 Datasheet PDF - Silan Microelectronics Joint-stock

Part # C9200
Download  C9200 Click to download

File Size   194.76 Kbytes
Page   9 Pages
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock
Description DTMF GENERATOR WITH MICROPROCESSOR

C9200 Datasheet (HTML) - Silan Microelectronics Joint-stock


C9200 Product details

DESCRIPTION

The SC9200 tone generators are designed for mC interfaces. They can be instructed by a mC to  generate  16  dual tones  and 8  single  tones from the  DTMF  pin.  The  SC9200A/AS  provides  a  serial  mode  whereas  the SC9200B/BS  contains  a  selectable  serial/parallel  mode  interface  for various applications



FEATURES

* Operating voltage: 2.0V~5.5V

* Serial mode for the SC9200A/AS

* Serial/parallel mode for the SC9200B/BS

* Low standby current

* Low total harmonic distortion

* 3.58MHz crystal or ceramic resonator



APPLICATIONS

* Security systems

* Home automation

* Remote control through telephone lines

* Communication system, etc.




Similar Part No. - C9200

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
C9200 STMICROELECTRONICS-C9200 Datasheet
449Kb / 14P
200 W, 32 V HF to 1.3 GHz LDMOS transistor in a STAC package
22-Apr-2014
logo
NXP Semiconductors
C9200 PHILIPS-C9200 Datasheet
153Kb / 4P
Indoor Camera Mounts
1998
logo
Cisco Systems, Inc.
C9200-24P CISCO-C9200-24P Datasheet
1Mb / 54P
Cisco Catalyst 9200 Series Switches
2023
C9200-24PB CISCO-C9200-24PB Datasheet
1Mb / 54P
Cisco Catalyst 9200 Series Switches
2023
C9200-24PXG CISCO-C9200-24PXG Datasheet
1Mb / 54P
Cisco Catalyst 9200 Series Switches
2023
More results


Similar Description - C9200

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05F6 MOTOROLA-MC68HC05F6 Datasheet
82Kb / 3P
MCU with DTMF/melody generator
logo
National Semiconductor ...
TP5089 NSC-TP5089 Datasheet
119Kb / 6P
TP5089 DTMF (TOUCH-TONE) Generator
logo
NXP Semiconductors
PCD3349A PHILIPS-PCD3349A Datasheet
141Kb / 20P
8-bit microcontroller with DTMF generator
1998 May 11
logo
Zarlink Semiconductor I...
MV5089 ZARLINK-MV5089 Datasheet
91Kb / 7P
DTMF GENERATOR
logo
NXP Semiconductors
PCD3344A PHILIPS-PCD3344A Datasheet
1Mb / 17P
8-BIT MICROCONTROLLER WITH DTMF GENERATOR
1996 May 09
logo
List of Unclassifed Man...
S2559F ETC1-S2559F Datasheet
394Kb / 9P
DTMF Tone Generator
logo
Ericsson
PBD3534 ERICSSON-PBD3534 Datasheet
437Kb / 6P
DTMF Generator
logo
STMicroelectronics
PBD3535 STMICROELECTRONICS-PBD3535 Datasheet
501Kb / 8P
DTMF Generator
logo
List of Unclassifed Man...
MV5087 ETC1-MV5087 Datasheet
93Kb / 6P
DTMF GENERATOR
logo
United Monolithic Semic...
UM9204 UMS-UM9204 Datasheet
92Kb / 1P
On-chip DTMF generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com