Electronic Components Datasheet Search
  English  ▼

X  

CMAD6263 Datasheet (PDF) - Central Semiconductor Corp

CMAD6263 Datasheet PDF - Central Semiconductor Corp
Part # CMAD6263
Download  CMAD6263 Download
File Size   186.59 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON HIGH VOLTAGE SCHOTTKY DIODE

CMAD6263 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMAD6263 Datasheet PDF - Central Semiconductor Corp

Part # CMAD6263
Download  CMAD6263 Click to download

File Size   186.59 Kbytes
Page   2 Pages
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp
Description SURFACE MOUNT SILICON HIGH VOLTAGE SCHOTTKY DIODE

CMAD6263 Datasheet (HTML) - Central Semiconductor Corp


CMAD6263 Product details

DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMAD6263 is a high voltage Schottky diode designed for applications where very small size and operational efficiency are prime requirements.

MARKING CODE: J

FEATURES:
• Current (IF=15mA)
• Low Forward Voltage Drop
   (VF=0.395V TYP @ 1.0mA)
• Low Reverse Current
   (98nA TYP @ 50V)
• Extremely Fast Switching (5ns Max)
• Miniture, 0.8 x 0.6 x 0.4mm, ultra low
   height profile Surface Mount Package.

APPLICATIONS:
• DC-DC Converters
• Voltage Clamping
• Protection Circuits
• Battery powered applications including
   Cell Phones, Digital Cameras,
   Pagers, PDAs, Laptop,Computers, etc.




Similar Part No. - CMAD6263

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMAD6263 CENTRAL-CMAD6263_10 Datasheet
346Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SCHOTTKY DIODE
CMAD6263 CENTRAL-CMAD6263_15 Datasheet
346Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SCHOTTKY DIODE
More results


Similar Description - CMAD6263

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMAD6263 CENTRAL-CMAD6263_10 Datasheet
346Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SCHOTTKY DIODE
CMASH-4 CENTRAL-CMASH-4_10 Datasheet
346Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CMDD6263 CENTRAL-CMDD6263_10 Datasheet
367Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SCHOTTKY DIODE
CMDSH2-3 CENTRAL-CMDSH2-3_10 Datasheet
365Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON SCHOTTKY DIODE
CMOD6263 CENTRAL-CMOD6263_10 Datasheet
344Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SCHOTTKY DIODE
CMOSH-3 CENTRAL-CMOSH-3_12 Datasheet
493Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH01-30L CENTRAL-CFSH01-30L_15 Datasheet
837Kb / 4P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CFSH-4 CENTRAL-CFSH-4_15 Datasheet
507Kb / 2P
SURFACE MOUNT SILICON SCHOTTKY DIODE
CMAD6263 CENTRAL-CMAD6263_15 Datasheet
346Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SCHOTTKY DIODE
CMDD6263 CENTRAL-CMDD6263_15 Datasheet
367Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SILICON SCHOTTKY DIODE
More results




About Central Semiconductor Corp


Central Semiconductor Corp is a leading provider of discrete semiconductors and passive components.
The company was founded in 1967 and is headquartered in Hauppauge, New York, USA.
Central Semiconductor offers a wide range of products including diodes, rectifiers, transistors, and other discrete semiconductors.
The company is also a provider of passive components such as capacitors and inductors.
Central Semiconductor is known for its high-quality products, competitive prices, and excellent customer service.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com