Electronic Components Datasheet Search
  English  ▼

X  

TK70403M Datasheet (PDF) - TOKO, Inc

TK70403M Datasheet PDF - TOKO, Inc
Part # TK70403M
Download  TK70403M Download
File Size   61.21 Kbytes
Page   10 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description 1.03 V REGULATOR WITH ON/OFF SWITCH

TK70403M Datasheet (PDF)

Go To PDF Page Download Datasheet
TK70403M Datasheet PDF - TOKO, Inc

Part # TK70403M
Download  TK70403M Click to download

File Size   61.21 Kbytes
Page   10 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description 1.03 V REGULATOR WITH ON/OFF SWITCH

TK70403M Datasheet (HTML) - TOKO, Inc


TK70403M Product details

DESCRIPTION
TK70403 is a low dropout, linear regulator with a built-in electronic switch. A pin for a bypass capacitor is provided, which connects to the internal circuitry to lower the overall output noise level.

FEATURES
■ Low Input Voltage Operation (Single Battery Cell)
■ Internal PNP Transistor
■ Internal Shutdown Control (Off Current, 0.1 µA max)
■ Low Dropout Voltage [30 mV (typ.) at 2 mA]
■ Miniature Package (SOT-26)
■ Very Low Noise

APPLICATIONS
■ Pagers
■ Personal Communication Equipment
■ Portable Consumer Equipment
■ Radio Control Systems
■ Single Battery Cell Systems




Similar Part No. - TK70403M

ManufacturerPart #DatasheetDescription
logo
GREATECS
TK70 GREATECS-TK70 Datasheet
326Kb / 2P
High Capacity Toggle Switches up to 20A
logo
TOKO, Inc
TK70001 TOKO-TK70001 Datasheet
62Kb / 8P
SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001M TOKO-TK70001M Datasheet
62Kb / 8P
SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001MCB TOKO-TK70001MCB Datasheet
62Kb / 8P
SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
TK70001MCB/01S TOKO-TK70001MCB/01S Datasheet
62Kb / 8P
SINGLE INPUT, TWO OUTPUT SOLID STATE SWITCH
More results


Similar Description - TK70403M

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK111XXM TOKO-TK111XXM Datasheet
85Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK111XXS TOKO-TK111XXS Datasheet
84Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XX TOKO-TK112XX Datasheet
250Kb / 21P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXA TOKO-TK112XXA Datasheet
382Kb / 34P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK112XXB TOKO-TK112XXB Datasheet
157Kb / 24P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK113XXBM TOKO-TK113XXBM Datasheet
123Kb / 16P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK114XX TOKO-TK114XX Datasheet
225Kb / 24P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK115XX TOKO-TK115XX Datasheet
253Kb / 26P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
TK702XX TOKO-TK702XX Datasheet
117Kb / 6P
1.03 V REGULATOR WITH ON/OFF SWITCH
TK112XXCM TOKO-TK112XXCM Datasheet
181Kb / 22P
VOLTAGE REGULATOR WITH ON/OFF SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com