Electronic Components Datasheet Search
  English  ▼

X  

TK15405 Datasheet (PDF) - TOKO, Inc

TK15405 Datasheet PDF - TOKO, Inc
Part # TK15405
Download  TK15405 Download
File Size   53.59 Kbytes
Page   8 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description OPERATIONAL AMPLIFIER WITH 75 OHM DRIVER

TK15405 Datasheet (PDF)

Go To PDF Page Download Datasheet
TK15405 Datasheet PDF - TOKO, Inc

Part # TK15405
Download  TK15405 Click to download

File Size   53.59 Kbytes
Page   8 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description OPERATIONAL AMPLIFIER WITH 75 OHM DRIVER

TK15405 Datasheet (HTML) - TOKO, Inc


TK15405 Product details

DESCRIPTION

Operating from a single +5 V supply, the TK15405 is a single-channel video line driver IC that takes a standard video analog input and provides a buffered analog output for driving a 150 Ω load. The standard video input signal (1 VP-P typical) is internally clamped at 1.25 V and amplified 6 dB to produce 2 VP-P (typical) into a series 75 Ω resistor and 75 Ω cable load. The internal 1.5 k SAG function resistor provides gain compensation for low frequency signals. During standby (Pin 1 grounded), the TK15405 consumes only 120 µW of power. Nominal power dissipation (no input) is typically 38 mW.

The TK15405M is available in the very small SOT23-6 surface mount package.



FEATURES

■ Fixed Gain (6 dB typ.)

■ Internal 75 Ω Driver

■ Active High ON/OFF Control with Internal Pull-up

■ Very Low Standby Current (typ. ISTBY ≤ 25 µA)

■ Very Small Output Capacitor Using SAG Function Pin

■ Very Small SOT23-6 Package

■ Single +5 V Power Supply Operation



APPLICATIONS

■ Video Equipment

■ Digital Cameras

■ CCD Cameras

■ TV Monitors

■ Video Tape Recorders

■ LCD Projectors



 




Similar Part No. - TK15405

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15400M TOKO-TK15400M Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15400MTL TOKO-TK15400MTL Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15400MTL/400 TOKO-TK15400MTL/400 Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15402 TOKO-TK15402 Datasheet
63Kb / 8P
Active High ON/OFF Control
More results


Similar Description - TK15405

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2538 NJRC-NJM2538 Datasheet
344Kb / 8P
Video Amplifier with 75 ohms Driver
NJM2538B NJRC-NJM2538B Datasheet
238Kb / 8P
Video Amplifier with 75 ohms Driver?
NJM2568 NJRC-NJM2568 Datasheet
72Kb / 4P
Video Amplifier with 75 ohms Driver?
logo
TOKO, Inc
TK15400 TOKO-TK15400 Datasheet
92Kb / 12P
75 OHM VIDEO LINE DRIVER
TK15403 TOKO-TK15403 Datasheet
57Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15406 TOKO-TK15406 Datasheet
51Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15408 TOKO-TK15408 Datasheet
62Kb / 8P
75 OHM VIDEO LINE DRIVER
TK15420 TOKO-TK15420 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
TK15421 TOKO-TK15421 Datasheet
53Kb / 4P
75 OHM VIDEO LINE DRIVER
logo
Rohm
BA7666FS ROHM-BA7666FS Datasheet
32Kb / 3P
3channel 75 OHM driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com