Electronic Components Datasheet Search
  English  ▼

X  

2815 Datasheet (PDF) - KR Electronics, Inc.

2815 Datasheet PDF - KR Electronics, Inc.
Part # 2815
Download  2815 Download
File Size   48.39 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 6 dB negative slope equalizer

2815 Datasheet (PDF)

Go To PDF Page Download Datasheet
2815 Datasheet PDF - KR Electronics, Inc.

Part # 2815
Download  2815 Click to download

File Size   48.39 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 6 dB negative slope equalizer

2815 Datasheet (HTML) - KR Electronics, Inc.




Similar Part No. - 2815

ManufacturerPart #DatasheetDescription
logo
Heyco.
2815 HEYCO-2815 Datasheet
102Kb / 1P
Shorty Bushings
logo
List of Unclassifed Man...
28150 ETC2-28150 Datasheet
128Kb / 1P
Wiha Drive-Loc VI Blades
28150 ETC2-28150 Datasheet
153Kb / 5P
Board Of Education - Serial (28150) Rev C
logo
Belden Inc.
28150A BELDEN-28150A Datasheet
196Kb / 2P
TC VN/PVC, 3G C #810 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
28150A-01010000 BELDEN-28150A-01010000 Datasheet
196Kb / 2P
TC VN/PVC, 3G C #810 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
More results


Similar Description - 2815

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2816 KR-2816 Datasheet
49Kb / 2P
7 dB negative slope equalizer
2817 KR-2817 Datasheet
49Kb / 2P
7 dB negative slope equalizer
2817-SMA KR-2817-SMA Datasheet
44Kb / 2P
7 dB negative slope equalizer
2848 KR-2848 Datasheet
47Kb / 2P
7 dB negative slope equalizer
2857 KR-2857 Datasheet
49Kb / 2P
5 dB negative slope equalizer
3120 KR-3120 Datasheet
130Kb / 2P
Negative Slope Equalizer
logo
Mini-Circuits
REQ-75-182 MINI-REQ-75-182 Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-3-222N MINI-ZEQ-3-222N Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-5-292-S MINI-ZEQ-5-292-S Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-8-222N MINI-ZEQ-8-222N Datasheet
1Mb / 3P
Slope Equalizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com