Electronic Components Datasheet Search
  English  ▼

X  

2800 Datasheet (PDF) - KR Electronics, Inc.

2800 Datasheet PDF - KR Electronics, Inc.
Part # 2800
Download  2800 Download
File Size   48.42 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 200 MHz bandpass filter

2800 Datasheet (PDF)

Go To PDF Page Download Datasheet
2800 Datasheet PDF - KR Electronics, Inc.

Part # 2800
Download  2800 Click to download

File Size   48.42 Kbytes
Page   2 Pages
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.
Description 200 MHz bandpass filter

2800 Datasheet (HTML) - KR Electronics, Inc.


2800 Product details

General Description
KR 2800 is a 200 MHz bandpass filter. The filter has a 6 MHz 3 dB bandwidth and is designed for 50 Ω source and load impedance. Other passband frequencies, bandwidths and impedances are available. Please consult the factory.

Features
• 200 MHz Bandpass
• 50 Ω
• DIP Package




Similar Part No. - 2800

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
2800 SYSTEMSENSOR-2800 Datasheet
514Kb / 2P
2-Wire Systems Detectors
logo
Murata Power Solutions ...
2800 MURATA-PS-2800 Datasheet
280Kb / 3P
Bobbin Wound Surface Mount Inductors
logo
Schneider Electric
2800 SCHNEIDER-2800 Datasheet
79Kb / 1P
Magnetic flowtube, Flow, Hart
Apr 26, 2022
logo
Heyco.
2800 HEYCO-2800 Datasheet
102Kb / 1P
Shorty Bushings
logo
Weller Tools
2800 WELLER-2800 Datasheet
1Mb / 2P
Side cutter - tapered head
More results


Similar Description - 2800

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
TriQuint Semiconductor
855625 TRIQUINT-855625_15 Datasheet
68Kb / 1P
190 MHz Bandpass Filter 200 kHz Bandwidth
logo
KR Electronics, Inc.
2800-SMA KR-2800-SMA Datasheet
81Kb / 3P
200 MHz Bandpass Filter
3259-200 KR-3259-200 Datasheet
71Kb / 3P
200 MHz Bandpass Filter
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com