Electronic Components Datasheet Search
  English  ▼

X  

K11044TL Datasheet (PDF) - TOKO, Inc

K11044TL Datasheet PDF - TOKO, Inc
Part # K11044TL
Download  K11044TL Download
File Size   37.69 Kbytes
Page   5 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description TEMPERATURE SENSOR IC

K11044TL Datasheet (PDF)

Go To PDF Page Download Datasheet
K11044TL Datasheet PDF - TOKO, Inc

Part # K11044TL
Download  K11044TL Click to download

File Size   37.69 Kbytes
Page   5 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description TEMPERATURE SENSOR IC

K11044TL Datasheet (HTML) - TOKO, Inc


K11044TL Product details

DESCRIPTION
The TK11044 is a temperature sensor IC with a linear output of 10 mV/°C over the range of -25 to + 105 °C. Its wide operating voltage range of 2.4 to 8.0 volts makes it suitable for a number of applications requiring accurate temperature control, such as electronic thermostats for climate control, refrigerators, and industrial process controls.
A typical application is to make a digital representation of temperature with an A/D converter, or to make a thermal detector with a comparator.
The TK11044 has a compensation pin for a 0.1 µF capacitor that insures stability over the ICs operating temperature range.
The TK11044 is available in a miniature SOT 23L-6 surface mount package.

FEATURES
■ Linear Output Voltage 10 mV/°C Output
■ 2.4 to 8.0 Volt Supply Range
■ Miniature Package (SOT-23L)
■ Minimum External Parts Count
■ Low Power Consumption

APPLICATIONS
■ Home and Industrial Thermostats
■ Automotive Climate Control
■ Battery Charger Temperature Monitor
■ Notebook Computer Temperature Monitor
■ Electronic Thermometers
■ Fish Finder Water Temperature
■ Industrial Process Controllers
■ Home Appliance Temperature Control




Similar Part No. - K11044TL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K1104-K62 ETC2-K1104-K62 Datasheet
323Kb / 17P
Multilayer Chip Capacitors
logo
Carl Kammerling Interna...
K11040 CARL-K11040 Datasheet
150Kb / 3P
Brass Combination padlocks
16/01/2008
K11040D CARL-K11040D Datasheet
150Kb / 3P
Brass Combination padlocks
16/01/2008
logo
MTRONPTI
K11041 MTRONPTI-K11041 Datasheet
294Kb / 2P
5V Clock Driver For 32-Bit Micro-processors
K11041-M MTRONPTI-K11041-M Datasheet
294Kb / 2P
5V Clock Driver For 32-Bit Micro-processors
More results


Similar Description - K11044TL

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6701S PANASONIC-AN6701S Datasheet
34Kb / 4P
Temperature Sensor IC
logo
TOKO, Inc
TK11031 TOKO-TK11031 Datasheet
37Kb / 6P
TEMPERATURE SENSOR IC
TK11032 TOKO-TK11032 Datasheet
40Kb / 6P
TEMPERATURE SENSOR IC
TK11033 TOKO-TK11033 Datasheet
41Kb / 6P
TEMPERATURE SENSOR IC
TK11034 TOKO-TK11034 Datasheet
42Kb / 6P
TEMPERATURE SENSOR IC
TK11041 TOKO-TK11041 Datasheet
32Kb / 4P
TEMPERATURE SENSOR IC
TK11042 TOKO-TK11042 Datasheet
33Kb / 4P
TEMPERATURE SENSOR IC
TK11043 TOKO-TK11043 Datasheet
33Kb / 4P
TEMPERATURE SENSOR IC
logo
Seiko Instruments Inc
S8110C SII-S8110C Datasheet
486Kb / 23P
CMOS TEMPERATURE SENSOR IC
logo
List of Unclassifed Man...
STS21 ETC2-STS21 Datasheet
523Kb / 12P
Temperature Sensor IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com