Electronic Components Datasheet Search
  English  ▼

X  

T15V256A Datasheet (PDF) - Taiwan Memory Technology

T15V256A Datasheet PDF - Taiwan Memory Technology
Part # T15V256A
Download  T15V256A Download
File Size   80.99 Kbytes
Page   11 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 32K X 8 LOW POWER CMOS STATIC RAM?

T15V256A Datasheet (PDF)

Go To PDF Page Download Datasheet
T15V256A Datasheet PDF - Taiwan Memory Technology

Part # T15V256A
Download  T15V256A Click to download

File Size   80.99 Kbytes
Page   11 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 32K X 8 LOW POWER CMOS STATIC RAM?

T15V256A Datasheet (HTML) - Taiwan Memory Technology


T15V256A Product details

GENERAL DESCRIPTION
The T15V256A is a low power and low voltage CMOS static RAM. organized as 32,768 x 8 bits that operates on a 2.7V to 3.6V power supply. Data retention is guaranteed at a power supply voltage as low as 1.5V. This device is packaged in a standard 28-pin SOP or TSOP-I forward and reverse type.

FEATURES
• High speed access time: 50/70/85/100ns
• Power supply current : Operating :35mA(max) Standby : 5uA
• Power supply : 2.7V to 3.6V
• Fully static operation – No clock or refreshing required
• All inputs and outputs directly LVTTL compatible
• Common I/O capability
• Data retention voltage : 1.5V (min)
• Available packages :28-pin SOP ,TSOP-I (8x13.4mm forward type and reverse type).
• Operating temperature :
    - 0 ~ +70 °C
    - -40 ~ +85 °C




Similar Part No. - T15V256A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A Datasheet
77Kb / 11P
32K X 8 LOW POWER CMOS STATIC RAM
T15V256A-70D TMT-T15V256A-70D Datasheet
77Kb / 11P
32K X 8 LOW POWER CMOS STATIC RAM
T15V256A-70DI TMT-T15V256A-70DI Datasheet
77Kb / 11P
32K X 8 LOW POWER CMOS STATIC RAM
T15V256A-85P TMT-T15V256A-85P Datasheet
77Kb / 11P
32K X 8 LOW POWER CMOS STATIC RAM
T15V256A-85PI TMT-T15V256A-85PI Datasheet
77Kb / 11P
32K X 8 LOW POWER CMOS STATIC RAM
More results


Similar Description - T15V256A

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
32K X 8 LOW POWER CMOS STATIC RAM???
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
32K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
32K X 8 LOW POWER CMOS STATIC RAM
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
32K x 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
LOW POWER 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
32K X 8 LOW POWER CMOS STATIC RAM
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS65C256AL ISSI-IS65C256AL_12 Datasheet
625Kb / 12P
32K x 8 LOW POWER CMOS STATIC RAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com