Electronic Components Datasheet Search
  English  ▼

X  

SFH600-3 Datasheet (PDF) - ISOCOM COMPONENTS

SFH600-3 Datasheet PDF - ISOCOM COMPONENTS
Part # SFH600-3
Download  SFH600-3 Download
File Size   335.95 Kbytes
Page   3 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT

SFH600-3 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH600-3 Datasheet PDF - ISOCOM COMPONENTS

Part # SFH600-3
Download  SFH600-3 Click to download

File Size   335.95 Kbytes
Page   3 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT

SFH600-3 Datasheet (HTML) - ISOCOM COMPONENTS


SFH600-3 Product details

DESCRIPTION

The SFH600-, SFH601-, SFH609-_ series of optically coupled isolators consist of an infrared light emitting diode and a NPN silicon photo transistor in a standard 6 pin dual in line plastic package.



FEATURES

Options :-

   10mm lead spread - add G after part no.

   Surface mount - add SM after part no.

   Tape&reel - add SMT&R after part no.

High BVCEO

(70V, 90V, 100V min)

High Isolation Voltage (5.3kVRMS ,7.5kVPK)

All electrical parameters 100% tested

Custom electrical selections available



APPLICATIONS

DC motor controllers

Industrial systems controllers

Measuring instruments

Signal transmission between systems of different potentials and impedances




Similar Part No. - SFH600-3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH600-3 SIEMENS-SFH600-3 Datasheet
152Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
SFH600-3 SIEMENS-SFH600-3 Datasheet
160Kb / 4P
TRIOS PHOTOTRANSISTOR OPTOCOUPLER
logo
List of Unclassifed Man...
SFH600-3 ETC1-SFH600-3 Datasheet
67Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
Vishay Siliconix
SFH600-3 VISHAY-SFH600-3 Datasheet
137Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
10-Jan-08
SFH600-3X006 VISHAY-SFH600-3X006 Datasheet
137Kb / 9P
Optocoupler, Phototransistor Output, with Base Connection
10-Jan-08
More results


Similar Description - SFH600-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H11AV1X ETC-H11AV1X Datasheet
56Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX72AX ETC-CNX72AX Datasheet
52Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
SFH601-5 ETC1-SFH601-5 Datasheet
67Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N35X ETC1-4N35X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
logo
ISOCOM COMPONENTS
4N25X ISOCOM-4N25X Datasheet
55Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2X ISOCOM-MCT2X Datasheet
63Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT2200X ISOCOM-MCT2200X Datasheet
54Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
CNX83AG ISOCOM-CNX83AG Datasheet
46Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
4N38X ISOCOM-4N38X Datasheet
75Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
MCT270 ISOCOM-MCT270 Datasheet
480Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTOTRANSISTOR OUTPUT
More results




About ISOCOM COMPONENTS


Isocom Components is a UK-based company that specializes in the design, development, and manufacture of optocouplers and optoelectronic components. The company was founded in 1982 and is headquartered in Havant, Hampshire, England.

Isocom's product portfolio includes a wide range of optocouplers, phototransistors, photodiodes, infrared (IR) sensors, and solid-state relays. These products are used in a variety of applications, including telecommunications, industrial control, medical equipment, and consumer electronics.

Isocom Components has a strong focus on research and development, and the company's products are known for their reliability, high-performance, and low power consumption. Isocom serves customers worldwide and has offices and distribution partners in Europe, North America, and Asia.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com