Electronic Components Datasheet Search
  English  ▼

X  

SR5513 Datasheet (PDF) - Vanlong Technology Co., Ltd.

SR5513 Datasheet PDF - Vanlong Technology Co., Ltd.
Part # SR5513
Download  SR5513 Download
File Size   93.36 Kbytes
Page   2 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description 433.92 MHz One Port SAW Resonator

SR5513 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR5513 Datasheet PDF - Vanlong Technology Co., Ltd.

Part # SR5513
Download  SR5513 Click to download

File Size   93.36 Kbytes
Page   2 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description 433.92 MHz One Port SAW Resonator

SR5513 Datasheet (HTML) - Vanlong Technology Co., Ltd.




Similar Part No. - SR5513

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SR5510 VANLONG-SR5510 Datasheet
91Kb / 2P
432.92 MHz One Port SAW Resonator
logo
AUK corp
SR5511 AUK-SR5511 Datasheet
262Kb / 3P
LED Lamp
logo
Vanlong Technology Co.,...
SR5511 VANLONG-SR5511 Datasheet
86Kb / 2P
433.42 MHz One Port SAW Resonator
logo
AUK corp
SR5511-H AUK-SR5511-H Datasheet
211Kb / 4P
LED Lamp
SR5511-HB AUK-SR5511-HB Datasheet
211Kb / 4P
LED Lamp
More results


Similar Description - SR5513

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SQ433 VANLONG-SQ433 Datasheet
93Kb / 2P
433.92 MHz Two-Port SAW Resonator
SR433 VANLONG-SR433 Datasheet
88Kb / 2P
433.92 MHz One-Port SAW Resonator
SR433B VANLONG-SR433B Datasheet
87Kb / 2P
433.92 MHz One-Port SAW Resonator
SR433T VANLONG-SR433T Datasheet
102Kb / 2P
433.92 MHz One-Port SAW Resonator
SR5514 VANLONG-SR5514 Datasheet
93Kb / 2P
433.92 MHz One Port SAW Resonator
SR5515 VANLONG-SR5515 Datasheet
95Kb / 2P
433.92 MHz One Port SAW Resonator
SR5516 VANLONG-SR5516 Datasheet
85Kb / 2P
433.92 MHz One Port SAW Resonator
SR5517 VANLONG-SR5517 Datasheet
94Kb / 2P
433.92 MHz One Port SAW Resonator
SR5522 VANLONG-SR5522 Datasheet
92Kb / 2P
433.92 MHz One Port SAW Resonator
logo
Abracon Corporation
ASR433.92E ABRACON-ASR433.92E Datasheet
743Kb / 1P
SMD ONE PORT 433.92 MHz SAW RESONATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com