Electronic Components Datasheet Search
  English  ▼

X  

SF5401 Datasheet (PDF) - Vanlong Technology Co., Ltd.

SF5401 Datasheet PDF - Vanlong Technology Co., Ltd.
Part # SF5401
Download  SF5401 Download
File Size   122.55 Kbytes
Page   2 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description 315.00 MHz SAW Filter

SF5401 Datasheet (PDF)

Go To PDF Page Download Datasheet
SF5401 Datasheet PDF - Vanlong Technology Co., Ltd.

Part # SF5401
Download  SF5401 Click to download

File Size   122.55 Kbytes
Page   2 Pages
Manufacturer  VANLONG [Vanlong Technology Co., Ltd.]
Direct Link  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.
Description 315.00 MHz SAW Filter

SF5401 Datasheet (HTML) - Vanlong Technology Co., Ltd.


SF5401 Product details

315.00 MHz SAW Filter



•  Designed to Provide Front-end Selectivity in 315.00 MHz

•  Low-Loss, Coupled-Resonator Quartz Design

•  Simple External Impedance Matching

•  Ultra Miniature Ceramic QCC8C SMD Package

•  Complies with Directive 2002/95/EC (RoHS Compliant)




Similar Part No. - SF5401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF5401 VISHAY-SF5401 Datasheet
51Kb / 5P
Super Fast Soft Recovery Rectifier
24-Jun-98
logo
Gulf Semiconductor
SF5401 GULFSEMI-SF5401 Datasheet
102Kb / 2P
SINTERED GLASS JUNCTION ULTRAFAST AVALANCHE RECTIFIER VOLTAGE竊?0 to 1000V CURRENT: 3.0A
logo
Vishay Siliconix
SF5401 VISHAY-SF5401 Datasheet
120Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
25-May-11
SF5401 VISHAY-SF5401 Datasheet
120Kb / 5P
Ultra-Fast Avalanche Sinterglass Diode
19-Sep-12
logo
SUNMATE electronic Co.,...
SF5401 SUNMATE-SF5401 Datasheet
166Kb / 2P
3A Axial Leaded Super Fast Soft Recovery Rectifier
More results


Similar Description - SF5401

ManufacturerPart #DatasheetDescription
logo
EPCOS
B3731 EPCOS-B3731 Datasheet
95Kb / 10P
SAW Components SAW filter 315.00 MHz
logo
Vanlong Technology Co.,...
SF315 VANLONG-SF315 Datasheet
150Kb / 2P
315.00 MHz SAW Filter
SF315B VANLONG-SF315B Datasheet
148Kb / 2P
315.00 MHz SAW Filter
logo
RF Monolithics, Inc
RF3417E RFM-RF3417E Datasheet
326Kb / 4P
315.00 MHz SAW Filter
SF1142B RFM-SF1142B Datasheet
408Kb / 6P
315.00 MHz SAW Filter
SF1143B RFM-SF1143B Datasheet
459Kb / 6P
315.00 MHz SAW Filter
SF1143B-2 RFM-SF1143B-2 Datasheet
103Kb / 3P
315.00 MHz SAW Filter
SF1143B-4 RFM-SF1143B-4 Datasheet
107Kb / 3P
315.00 MHz SAW Filter
logo
Murata Manufacturing Co...
RO3073A-11 MURATA-RO3073A-11 Datasheet
393Kb / 2P
315.00 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0182B TAI-SAW-TC0182B Datasheet
390Kb / 5P
SAW Resonator 315.00 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com