Electronic Components Datasheet Search
  English  ▼

X  

PSM202A Datasheet (PDF) - Phihong USA Inc.

PSM202A Datasheet PDF - Phihong USA Inc.
Part # PSM202A
Download  PSM202A Download
File Size   148.14 Kbytes
Page   2 Pages
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.
Description 18W Universal Input, Compact PCB, 3.3V/5V Outputs

PSM202A Datasheet (PDF)

Go To PDF Page Download Datasheet
PSM202A Datasheet PDF - Phihong USA Inc.

Part # PSM202A
Download  PSM202A Click to download

File Size   148.14 Kbytes
Page   2 Pages
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.
Description 18W Universal Input, Compact PCB, 3.3V/5V Outputs

PSM202A Datasheet (HTML) - Phihong USA Inc.




Similar Part No. - PSM202A

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSM200 POWERSEM-PSM200 Datasheet
81Kb / 1P
Silicon Power Diode
logo
Wall Industries,Inc.
PSM200 WALL-PSM200 Datasheet
201Kb / 3P
AC/DC Medical Power Supply
PSM200A3-1Y12 WALL-PSM200A3-1Y12 Datasheet
201Kb / 3P
AC/DC Medical Power Supply
PSM200A3-1Y16 WALL-PSM200A3-1Y16 Datasheet
201Kb / 3P
AC/DC Medical Power Supply
PSM200A3-1Y19 WALL-PSM200A3-1Y19 Datasheet
201Kb / 3P
AC/DC Medical Power Supply
More results


Similar Description - PSM202A

ManufacturerPart #DatasheetDescription
logo
Power-One
IMS30 POWER-ONE-IMS30 Datasheet
1Mb / 6P
Dual outputs 5V & 3.3V ; 3.3V & 1.8V
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V Datasheet
80Kb / 5P
5V/3.3V 4-INPUT OR/NOR
logo
Exar Corporation
XR17D154 EXAR-XR17D154 Datasheet
836Kb / 69P
UNIVERSAL (3.3V AND 5V) PCI BUS QUAD UART
logo
Astec America, Inc
APE12M05 ASTEC-APE12M05 Datasheet
85Kb / 12P
5V Input, 1.5V Output 18W DC-DC Converter
logo
Phihong USA Inc.
PSA25LS-033 PHIHONG-PSA25LS-033 Datasheet
173Kb / 2P
25W Universal Input, Compact PCB
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V_06 Datasheet
491Kb / 6P
5V/3.3V 4-INPUT OR/NOR
logo
Phihong USA Inc.
PSA15LN PHIHONG-PSA15LN Datasheet
64Kb / 3P
15W Universal Input, Compact PCB, 3.3 to 24V DC
PSA25LS-033 PHIHONG-PSA25LS-033_14 Datasheet
81Kb / 3P
25W Universal Input, Compact PCB
logo
Murata Power Solutions ...
BWR33W MURATA-PS-BWR33W Datasheet
259Kb / 12P
Regulated 3.3V and 5V outputs
logo
Maxim Integrated Produc...
DS21Q352 MAXIM-DS21Q352 Datasheet
167Kb / 13P
Low Power 5V CMOS or Low Power 3.3V CMOS with 5V Tolerant Input & Outputs
December 29, 1998
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com