Electronic Components Datasheet Search
  English  ▼

X  

AZ830P Datasheet (PDF) - American Zettler, Inc.

AZ830P Datasheet PDF - American Zettler, Inc.
Part # AZ830P
Download  AZ830P Download
File Size   89.4 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description POLARIZED DIP RELAY BISTABLE (LATCHING)

AZ830P Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ830P Datasheet PDF - American Zettler, Inc.

Part # AZ830P
Download  AZ830P Click to download

File Size   89.4 Kbytes
Page   2 Pages
Manufacturer  AZETTLER [American Zettler, Inc.]
Direct Link  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description POLARIZED DIP RELAY BISTABLE (LATCHING)

AZ830P Datasheet (HTML) - American Zettler, Inc.


AZ830P Product details

FEATURES
• High sensitivity, 86 mW pickup
• Low profile DIP package
• Meets FCC Part 68.302 1500 V lightning surge
• Meets FCC Part 68.304 1000 V dielectric
• Epoxy sealed for automatic wave soldering and cleaning
• DC coils to 48 VDC
• High switching capacity, 60 W, 125 VA
• Fits standard 16 pin IC socket
• UL file E43203




Similar Part No. - AZ830P

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P ZETTLER-AZ830P Datasheet
137Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P2-2C-12DE ZETTLER-AZ830P2-2C-12DE Datasheet
78Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P2-2C-12DE ZETTLER-AZ830P2-2C-12DE Datasheet
137Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ830P2-2C-12DSE ZETTLER-AZ830P2-2C-12DSE Datasheet
78Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
More results


Similar Description - AZ830P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ832P ETC1-AZ832P Datasheet
52Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P Datasheet
78Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ833P ZETTLER-AZ833P Datasheet
265Kb / 4P
MICROMINIATURE POLARIZED LATCHING RELAY
AZ956P ZETTLER-AZ956P Datasheet
154Kb / 2P
MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
American Zettler, Inc.
AZ832P AZETTLER-AZ832P Datasheet
126Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ956P AZETTLER-AZ956P Datasheet
94Kb / 2P
MICROMINIATURE POLARIZED BISTABLE (LATCHING) RELAY
logo
ZETTLER Electronics
AZ830P ZETTLER-AZ830P_13 Datasheet
137Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ832P ZETTLER-AZ832P Datasheet
50Kb / 2P
POLARIZED DIP RELAY BISTABLE (LATCHING)
AZ833P ZETTLER-AZ833P_13 Datasheet
294Kb / 4P
MICROMINIATURE POLARIZED LATCHING RELAY
logo
Willow Technologies Ltd
DG79 WILLOW-DG79 Datasheet
371Kb / 3P
industrial bistable (latching) power relay
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com