Electronic Components Datasheet Search
  English  ▼

X  

A707 Datasheet (PDF) - ADDtek Corp

A707 Datasheet PDF - ADDtek Corp
Part # A707
Download  A707 Download
File Size   144.2 Kbytes
Page   1 Pages
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp
Description HIGH VOLTAGE BOOST DRIVER WITH 3 CHANNELS CONSTANT CURRENT REGULATORS

A707 Datasheet (PDF)

Go To PDF Page Download Datasheet
A707 Datasheet PDF - ADDtek Corp

Part # A707
Download  A707 Click to download

File Size   144.2 Kbytes
Page   1 Pages
Manufacturer  ADDTEK [ADDtek Corp]
Direct Link  https://www.addmtek.com
Logo ADDTEK - ADDtek Corp
Description HIGH VOLTAGE BOOST DRIVER WITH 3 CHANNELS CONSTANT CURRENT REGULATORS

A707 Datasheet (HTML) - ADDtek Corp


A707 Product details

DESCRIPTION
The A707 is a high voltage Boost driver with 3 channels adjustable constant current regulators for notebook LED backlight applications. Three regulated current ports are designed to provide uniform and pure DC constant current sinks for driving LEDs within a large range VF variations. It can drive a number of LEDs in series/parallel configuration

FEATURES
■ High frequency DC/DC converter for LEDs.
■ Integrated 40V power MOSFET.
■ 4.5V ~ 25V wide input voltage range.
■ 3 constant-current output channels.
■ Output current adjustable through external resistor.
■ Constant output current range: 5mA~30mA.
■ 40V output sustaining voltage for up to 10 pcs of LEDs in series.
■ LED open/short protection.
■ TSSOP-14L Green Package.

APPLICATIONS
■ Automotive interior lighting
■ LED backlight driver for NB and Monitors.




Similar Part No. - A707

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A70 MACOM-A70 Datasheet
108Kb / 1P
10 TO 250 MHz CASCADABLE AMPLIFIER
A70 MACOM-A70 Datasheet
369Kb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
M/A-COM Technology Solu...
A70 MA-COM-A70 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 250 MHz
logo
Dialight Corporation
A70-000627 DIALIGHT-A70-000627 Datasheet
115Kb / 1P
RECESSED CEILING MOUNT -- WPA MAIN BODY
A70-000627-BK DIALIGHT-A70-000627-BK Datasheet
115Kb / 1P
RECESSED CEILING MOUNT -- WPA MAIN BODY
More results


Similar Description - A707

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3431 NSC-LM3431 Datasheet
540Kb / 24P
3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431_08 Datasheet
541Kb / 24P
3-Channel Constant Current LED Driver with Integrated Boost Controller
logo
ADDtek Corp
A706 ADDTEK-A706 Datasheet
73Kb / 1P
HIGH VOLTAGE BOOST DRIVER WITH 6 CHANNELS CONSTANT CURRENT REGULATORS
APRIL 2009
A723 ADDTEK-A723 Datasheet
76Kb / 1P
HIGH VOLTAGE BOOST DRIVER WITH 8 CHANNELS CONSTANT CURRENT REGULATORS
FEBRUARY 2009
logo
SYNC POWER Crop.
SP1820 SYNC-POWER-SP1820 Datasheet
194Kb / 7P
Four Channels Constant Current LED Driver
logo
National Semiconductor ...
LM3431 NSC-LM3431_09 Datasheet
605Kb / 24P
3-Channel Constant Current LED Driver with Integrated Boost Controller
logo
Sanyo Semicon Device
LV8481CS SANYO-LV8481CS Datasheet
255Kb / 13P
Saturated Driver with 2 channels Constant Current Driver
logo
Integrated Silicon Solu...
IS31BL3230 ISSI-IS31BL3230 Datasheet
300Kb / 9P
8 CHANNELS CONSTANT CURRENT LED DRIVER
logo
SYNC POWER Crop.
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
Four Channels Constant Current LED Driver
logo
Texas Instruments
LM3431 TI1-LM3431_14 Datasheet
1Mb / 36P
3-Channel Constant Current LED Driver with Integrated Boost Controller
More results




About ADDtek Corp


ADDtek Corp is a technology company based in Taiwan that specializes in the design, development, and production of digital signage solutions, including display controllers, multimedia players, and content management software.

Founded in 1999, ADDtek has become a leading provider of digital signage solutions in Asia and has expanded its market presence to other regions such as Europe and North America. The company's products are used in various industries, including retail, transportation, education, hospitality, and healthcare.

ADDtek's digital signage solutions offer advanced features such as real-time content updates, remote management and monitoring, and interactive capabilities. The company also provides customization services to tailor its solutions to specific customer requirements.

In addition to digital signage solutions, ADDtek also offers other technology products such as industrial display systems, embedded computing systems, and network communication devices. The company's goal is to provide innovative and reliable technology solutions to enhance business productivity and communication.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com