Electronic Components Datasheet Search
  English  ▼

X  

ADP3120A Datasheet (PDF) - ON Semiconductor

ADP3120A Datasheet PDF - ON Semiconductor
Part # ADP3120A
Download  ADP3120A Download
File Size   132.78 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Bootstrapped, 12 V MOSFET Driver with Output Disable

ADP3120A Datasheet (PDF)

Go To PDF Page Download Datasheet
ADP3120A Datasheet PDF - ON Semiconductor

Part # ADP3120A
Download  ADP3120A Click to download

File Size   132.78 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Dual Bootstrapped, 12 V MOSFET Driver with Output Disable

ADP3120A Datasheet (HTML) - ON Semiconductor


ADP3120A Product details

The ADP3120A is a single Phase 12 V MOSFET gate drivers optimized to drive the gates of both high−side and low−side power MOSFETs in a synchronous buck converter. The high−side and low−side driver is capable of driving a 3000 pF load with a 45 ns propagation delay and a 25 ns transition time.
With a wide operating voltage range, high or low side MOSFET gate drive voltage can be optimized for the best efficiency. Internal adaptive nonoverlap circuitry further reduces switching losses by preventing simultaneous conduction of both MOSFETs.
The floating top driver design can accommodate VBST voltages as high as 35 V, with transient voltages as high as 40 V. Both gate outputs can be driven low by applying a low logic level to the Output Disable (OD) pin. An Undervoltage Lockout function ensures that both driver outputs are low when the supply voltage is low, and a Thermal Shutdown function provides the IC with overtemperature protection.

Features
• All−In−One Synchronous Buck Driver
• Bootstrapped High−Side Drive
• One PWM Signal Generates Both Drives
• Anticross Conduction Protection Circuitry
• OD for Disabling the Driver Outputs Meets CPU VR Requirement when Used with Patented FlexMode™ Controller
• These are Pb−Free Devices

Applications
• Multiphase Desktop CPU Supplies
• Single−Supply Synchronous Buck Converters




Similar Part No. - ADP3120A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
3/06-Revision 0
ADP3120AJCPZ-RL AD-ADP3120AJCPZ-RL Datasheet
292Kb / 16P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
3/06-Revision 0
logo
ON Semiconductor
ADP3120AJCPZ-RL ONSEMI-ADP3120AJCPZ-RL Datasheet
126Kb / 8P
Dual Bootstrapped, 12 V MOSFET Driver
June, 2012 ??Rev. 4
logo
Analog Devices
ADP3120AJRZ AD-ADP3120AJRZ Datasheet
292Kb / 16P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
3/06-Revision 0
logo
ON Semiconductor
ADP3120AJRZ ONSEMI-ADP3120AJRZ Datasheet
126Kb / 8P
Dual Bootstrapped, 12 V MOSFET Driver
June, 2012 ??Rev. 4
More results


Similar Description - ADP3120A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418 Datasheet
90Kb / 10P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2004 ??Rev. 10
logo
Analog Devices
ADP3418 AD-ADP3418 Datasheet
326Kb / 16P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
8/04-Data Sheet Changed from Rev. A to Rev. B
ADP3120 AD-ADP3120 Datasheet
272Kb / 16P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
7/05-Revision 0
ADP3118 AD-ADP3118 Datasheet
370Kb / 16P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
4/05-Revision 0
ADP3120A AD-ADP3120A Datasheet
292Kb / 16P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
3/06-Revision 0
logo
ON Semiconductor
NCP3418 ONSEMI-NCP3418_06 Datasheet
110Kb / 9P
Dual Bootstrapped 12 V MOSFET Driver with Output Disable
May, 2006 ??Rev. 12
logo
Analog Devices
ADP3110 AD-ADP3110 Datasheet
245Kb / 12P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
6/05-Revision 0
logo
ON Semiconductor
ADP3110A ONSEMI-ADP3110A Datasheet
132Kb / 8P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
August, 2008 ??Rev. 4
ADP3121 ONSEMI-ADP3121 Datasheet
147Kb / 10P
Dual Bootstrapped, 12 V MOSFET Driver with Output Disable
April, 2009 ??Rev. 0
logo
Analog Devices
ADP3650 AD-ADP3650 Datasheet
279Kb / 12P
Dual, Bootstrapped, 12 V MOSFET Driver with Output Disable
REV. A
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com