Electronic Components Datasheet Search
  English  ▼

X  

SR5100 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

SR5100 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # SR5100
Download  SR5100 Download
File Size   279.4 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 5.0 Amp Schottky Barrier Rectifiers

SR5100 Datasheet (PDF)

Go To PDF Page Download Datasheet
SR5100 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # SR5100
Download  SR5100 Click to download

File Size   279.4 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 5.0 Amp Schottky Barrier Rectifiers

SR5100 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


SR5100 Product details

VOLTAGE 100V 5.0 Amp Schottky Barrier Rectifiers



FEATURES

* Low forward voltage drop

* High current capability

* High reliability

* High surge current capability

* Epitaxial construction



MECHANICAL DATA

* Case: Molded plastic

* Epoxy: UL 94V-0 rate flame retardant

* Lead: Lead solderable per MIL-STD-202, method 208 guaranteed

* Polarity: As Marked

* Mounting position: Any

* Weight: 1.10 grams(Approximately)



 




Similar Part No. - SR5100

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR5100 MOSPEC-SR5100 Datasheet
231Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
logo
Bytes
SR5100 BYTES-SR5100 Datasheet
153Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Formosa MS
SR5100 FORMOSA-SR5100 Datasheet
33Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
First Components Intern...
SR5100 FCI-SR5100 Datasheet
95Kb / 1P
5.0 Amp SCHOTTKY BARRIER RECTIFIERS Mechanical Dimensions
logo
Won-Top Electronics
SR5100 WTE-SR5100 Datasheet
63Kb / 4P
5.0A SCHOTTKY BARRIER DIODE
More results


Similar Description - SR5100

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SDR560S SECOS-SDR560S Datasheet
405Kb / 2P
5.0 AMP Schottky Barrier Rectifiers
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5100K SECOS-SR5100K_15 Datasheet
246Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5150K SECOS-SR5150K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
SR5200K SECOS-SR5200K_15 Datasheet
242Kb / 2P
5.0 Amp Schottky Barrier Rectifiers
logo
Nanjing International G...
SR520 DGNJDZ-SR520 Datasheet
469Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
SR5150L BYTESONIC-SR5150L Datasheet
353Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
Version 1.0 2019/3/08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com