Electronic Components Datasheet Search
  English  ▼

X  

G221I Datasheet (PDF) - MicroPower Direct, LLC

G221I Datasheet PDF - MicroPower Direct, LLC
Part # G221I
Download  G221I Download
File Size   77.97 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Compact MiniDIP, 2W High Isolation DC/DC Converters

G221I Datasheet (PDF)

Go To PDF Page Download Datasheet
G221I Datasheet PDF - MicroPower Direct, LLC

Part # G221I
Download  G221I Click to download

File Size   77.97 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description Compact MiniDIP, 2W High Isolation DC/DC Converters

G221I Datasheet (HTML) - MicroPower Direct, LLC




Similar Part No. - G221I

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
G221 MPD-G221 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
logo
Multicomp Pro
G221 MULTICOMP-G221 Datasheet
304Kb / 3P
Multipurpose Boxes with Lids
14/09/20 V1.0
logo
Heyco.
G2213 HEYCO-G2213 Datasheet
120Kb / 1P
Screw-In Rubber Pocket Bumpers
G2217 HEYCO-G2217 Datasheet
120Kb / 1P
Screw-In Rubber Pocket Bumpers
logo
Global Mixed-mode Techn...
G2218 GMT-G2218 Datasheet
71Kb / 1P
654 Channels PMU
More results


Similar Description - G221I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D200I MPD-D200I Datasheet
197Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
G100EI MPD-G100EI Datasheet
180Kb / 2P
Low Cost, 1W MiniDIP High Isolation DC/DC Converters
G200 MPD-G200 Datasheet
75Kb / 2P
Compact MiniDIP, 2W Single & Dual Output DC/DC Converters
G200E MPD-G200E Datasheet
199Kb / 2P
Low Cost, 2W Compact MiniDIP DC/DC Converters
G200EI MPD-G200EI Datasheet
204Kb / 2P
High Isolation, 2W Low Cost, MiniDIP DC/DC Converters
G200RW MPD-G200RW Datasheet
164Kb / 2P
Compact MiniDIP, 2W Wide Input Range DC/DC Converters
H100I MPD-H100I Datasheet
180Kb / 2P
Ultra-Miniature MiniDIP 1W, High Isolation DC/DC Converters
MHI200GRI8 MPD-MHI200GRI8 Datasheet
484Kb / 2P
Compact, 2W MiniDIP Ultra-High Isolation DC/DC Converters
MG200MRRI4 MPD-MG200MRRI4 Datasheet
235Kb / 2P
Medical Approved Compact MiniDIP, 2W DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com