Electronic Components Datasheet Search
  English  ▼

X  

E225I Datasheet (PDF) - MicroPower Direct, LLC

E225I Datasheet PDF - MicroPower Direct, LLC
Part # E225I
Download  E225I Download
File Size   171.2 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters

E225I Datasheet (PDF)

Go To PDF Page Download Datasheet
E225I Datasheet PDF - MicroPower Direct, LLC

Part # E225I
Download  E225I Click to download

File Size   171.2 Kbytes
Page   2 Pages
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC
Description High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters

E225I Datasheet (HTML) - MicroPower Direct, LLC


E225I Product details

High Isolation, 2W Ultra-Miniature, SIP DC/DC Converters



Key Features:

•2W Output Power

•Ultra-Miniature SIP Case

•3,000 VDC Isolation

•>2 MHour MTBF

•18 Standard Models

•Industry Standard Pin-Out




Similar Part No. - E225I

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
E225I MPD-E225I Datasheet
172Kb / 2P
E200I SERIES
More results


Similar Description - E225I

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D221I ETC1-D221I Datasheet
97Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D100VHI MPD-D100VHI Datasheet
193Kb / 2P
Miniature, 1W SIP Ultra-High Isolation DC/DC Converters
D200EI MPD-D200EI Datasheet
168Kb / 2P
Low Cost, 2W SIP High Isolation DC/DC Converters
D200I MPD-D200I Datasheet
197Kb / 2P
High Isolation Miniature, 2W SIP DC/DC Converters
E200 MPD-E200 Datasheet
175Kb / 2P
Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
E200E MPD-E200E Datasheet
201Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
E100EI MPD-E100EI Datasheet
266Kb / 2P
1W, High Isolation Ultra-Miniature SIP DC/DC Converters
ML200SEI MPD-ML200SEI Datasheet
579Kb / 2P
2W, High Isolation Ultra-Miniature SMT DC/DC Converters
MD200XEI MPD-MD200XEI Datasheet
409Kb / 2P
Low Cost, 2W High Isolation SIP DC/DC Converters
ME200SE MPD-ME200SE Datasheet
429Kb / 2P
Low Cost, 2W Ultra-Miniature SIP DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com